Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291J7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST9291J7
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291J7 Datasheet(HTML) 4 Page - STMicroelectronics

  ST9291J7 Datasheet HTML 1Page - STMicroelectronics ST9291J7 Datasheet HTML 2Page - STMicroelectronics ST9291J7 Datasheet HTML 3Page - STMicroelectronics ST9291J7 Datasheet HTML 4Page - STMicroelectronics ST9291J7 Datasheet HTML 5Page - STMicroelectronics ST9291J7 Datasheet HTML 6Page - STMicroelectronics ST9291J7 Datasheet HTML 7Page - STMicroelectronics ST9291J7 Datasheet HTML 8Page - STMicroelectronics ST9291J7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
The control of TV or Satellite receiver setting can
be done by up to eight 8-bit PWM outputs, with a
frequency maximum of 23,437Hz at 8-bit resolu-
tion (INTCLK = 12MHz). Low resolutions with
higher frequency operation can be programmed.
In addition thereis a 3 channel Analog to Digital Con-
verter with integral sample and hold, fast 5.75
µs con-
version time and 6-bit guaranteed resolution.
PIN DESCRIPTION
VSYNC.
Vertical Sync. Vertical video synchronisa-
tion input to OSD. Positive or negative polarity.
HSYNC.
Horizontal Sync. Horizontal video syn-
chronisation input to OSD. Positive or negative po-
larity.
PLLF.
PLL Filter input. Filter input for the OSD for
PLL feed-back.
PLLR.
PLL Resistor connection pin. For resistor
connection to select the PLL gain adjust.
RESET.
Reset (input, active low). The ST9 is initial-
ised by the Reset signal. With the deactivationof RE-
SET, program execution begins from the Program
memory location pointed to by the vector contained
in program memory locations 00h and 01h.
OSCIN, OSCOUT.
Oscillator (input and output).
These pins connect a parallel-resonant crystal
GENERAL DESCRIPTION (Continued)
(24MHz maximum), or an external source to the
on-chip clock oscillator and buffer. OSCIN is the in-
put of the oscillator inverter and internal clock gen-
erator; OSCOUT is the output of the oscillator
inverter.
AVDD. Analog VDD of PLL. This pin must be tied to
VDD externally to the ST9291.
VDD. Main Power Supply Voltage (5V
±10%)
VSS. Digital Circuit Ground.
P0.0-P0.7,
P2.0-P2.5,
P3.0-P3.7,
P4.0-P4.7,
P5.0-P5.1 (J suffix)
P0.0-P0.7,
P1.0-P1.7,
P2.0-P2.5,
P3.0-P3.7,
P4.0-P4.7, P5.0-P5.3 (N suffix)
I/O Port Lines (In-
put/Output, TTL or CMOS compatible). 32/42 lines
grouped into I/O ports, bit programmable under
program control as general purpose I/O or as Alter-
nate functions (see next section).
P4.0 - P4.7 are high voltage (12V) open drain out-
puts. The voltage in open drain output mode for all
other I/O bits must not exceed VDD.
I/O Port Alternate Functions.
Each pin of the I/O ports of the ST9291 may as-
sume software programmable Alternative Func-
tions as shown in the Pin Configuration Drawings.
Table 1 shows the Functions allocated to each I/O
Port pin.
®
ST9291
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com