Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291J7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST9291J7
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291J7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST9291J7 Datasheet HTML 7Page - STMicroelectronics ST9291J7 Datasheet HTML 8Page - STMicroelectronics ST9291J7 Datasheet HTML 9Page - STMicroelectronics ST9291J7 Datasheet HTML 10Page - STMicroelectronics ST9291J7 Datasheet HTML 11Page - STMicroelectronics ST9291J7 Datasheet HTML 12Page - STMicroelectronics ST9291J7 Datasheet HTML 13Page - STMicroelectronics ST9291J7 Datasheet HTML 14Page - STMicroelectronics ST9291J7 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
R239 (EFh)
SYS. STACK POINTER LOW
R238 (EEh)
SYS. STACK POINTER HIGH
R237 (EDh)
USER STACK POINTER LOW
R236 (ECh)
USER STACK POINTER HIGH
R235 (EBh)
MODE REGISTER
R234 (EAh)
PAGE POINTER
R233 (E9h)
REGISTER POINTER 1
R232 (E8h)
REGISTER POINTER 0
R231 (E7h)
FLAGS
R230 (E6h)
CENTRAL INT. CNTL REG
R229 (E5h)
PORT5
R228 (E4h)
PORT4
R227 (E3h)
PORT3
R226 (E2h)
PORT2
R225 (E1h)
PORT1
R224 (E0h)
PORT0
Figure 1-8. System Register
1.1.3 SYSTEM REGISTERS
Following is the description of System Registers.
For PORT0 to PORT5 Registers, please refer to
I/O Port Chapter.
1.1.3.1 Central Interrupt Control Register
This Register CICR is located in the system Regis-
ter Group at the address R230 (E6h). Please refer
to “INTERRUPT” and “DMA” chapters in order to
get the background of the ST9 interrupt philoso-
phy.
CICR R230 (E6h) System Read/Write
Central Interrupt Control Register
Reset Value : 1000 0111
70
GCEN TLIP TLI
IEN
IAM CPL2 CPL1 CPL0
b7 = GCEN:
Global Counter Enable. This bit is the
Global Counter Enable of the Multifunction Timers.
The GCEN bit is ANDed with the CE (Counter En-
able) bit of the Timer Control Register (explained in
the Timer chapter) in order to enable the Timers
when both bits are set. This bit is set after the Re-
set cycle.
b6 = TLIP:
Top Level Interrupt Pending. This bit is
automatically set when a Top Level Interrupt Re-
quest is recognized. This bit can also be set by
Software in order to simulate a Top Level Interrupt
Request.
b5 = TLI:
Top Level Interrrupt bit. When this bit is
set, a Top Level interrupt request is acknowledged
depending on the IEN bit and the TLNM bit (in
Nested Interrupt Control Register). If the TLM bit is
reset the top level interrupt acknowledgement de-
pends on the TLNM alone.
b4 = IEN:
Enable Interrupt. This bit, (when set), al-
lows interrupts to be accepted. When reset no in-
terrupts other than the NMI can be acknowledged.
It is cleared by interrupt acknowledgement for con-
current mode and set by interrupt return (iret). It
can be managed by hardware and software (ei
and di instruction).
b3 = IAM:
Interrupt Arbitration Mode. This bit cov-
ers the selection of the two arbitration modes, the
Concurrent Mode being indicated by the value “0”
and the Fully Automatic Nested Mode by the value
“1”. This bit is under software control.
b2-b0 = CPL2-CPL0:
Current Priority Level. These
three bits record the priority level of the interrupt
presently under service (i.e. the Current Priority
Level, CPL). For these priority levels 000 is the
highest priority and 111 is the lowest priority. The
CPL bits can be set by hardware or software and
give the reference by which following interrupts are
either left pending or able to interrupt the current
interrupt. When the present interrupt is replaced by
one of a greater priority, the current priority value is
automatically stored until required.
®
ST9291
11/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com