Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291J7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST9291J7
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291J7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST9291J7 Datasheet HTML 2Page - STMicroelectronics ST9291J7 Datasheet HTML 3Page - STMicroelectronics ST9291J7 Datasheet HTML 4Page - STMicroelectronics ST9291J7 Datasheet HTML 5Page - STMicroelectronics ST9291J7 Datasheet HTML 6Page - STMicroelectronics ST9291J7 Datasheet HTML 7Page - STMicroelectronics ST9291J7 Datasheet HTML 8Page - STMicroelectronics ST9291J7 Datasheet HTML 9Page - STMicroelectronics ST9291J7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PIN DESCRIPTION (Continued)
I/O PORT
Name
Function
Alternate Function
Pin Assignment
Port.bit
9291J
9291N
P3.4
I/O
14
19
P3.5
I/O
13
18
P3.6
I/O
12
17
P3.7
I/O
-
16
P4.0
PWM0
O
PWM Output 0
28
35
P4.1
PWM1
O
PWM Output 1
29
36
P4.2
PWM2
O
PWM Output 2
30
37
P4.3
PWM3
O
PWM Output 3
31
38
P4.4
PWM4
O
PWM Output 4
32
39
P4.5
PWM5
O
PWM Output 5
33
40
P4.6
PWM6
O
PWM Output 6
34
41
P4.7
PWM7
O
PWM Output 7
35
42
P4.7
EXTRG
I
A/D External Trigger
35
42
P5.0
SCK
O
SPI Serial Clock
(1)
20
27
P5.0
INT2
I
External Interrupt 2
(1)
20
27
P5.1
SDIO
I/O
SPI Serial Data Input/Output
(1 )
19
26
P5.2
I/O
-
25
P5.3
I/O
-
24
Notes.
1. The alternate functions of SCK/INT2 and SDIO may be swapped by using the SWAP Register Function.
2. Schmitt trigger options are available as a mask option for any input pin.
Table 1. ST9291 I/O Port Alternative Function Summary (Continued)
®
ST9291
6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com