Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA001 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA001 Datasheet HTML 9Page - STMicroelectronics STA001 Datasheet HTML 10Page - STMicroelectronics STA001 Datasheet HTML 11Page - STMicroelectronics STA001 Datasheet HTML 12Page - STMicroelectronics STA001 Datasheet HTML 13Page - STMicroelectronics STA001 Datasheet HTML 14Page - STMicroelectronics STA001 Datasheet HTML 15Page - STMicroelectronics STA001 Datasheet HTML 16Page - STMicroelectronics STA001 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
STA001
Figure 7.
SOFTWARE SPECIFICATION
Interface protocol
The interface protocol comprises:
- A start condition (S)
- A chip address byte
- A two data bytes
- A stop condition (P)
ack = Acknowledge
S = Start
P = Stop
"Byte by byte" option
A "byte by byte" programming mode is also possible when there is no need to use both data bytes to program
the chip (for example during the setup of 2nd PLL).
To use this feature remember that first bit of both data bytes is reserved to chose the destination of the remaining
7 bits.
ack = Acknowledge
S = Start
Symbol
Parameter
Maximum time (ns)
td1
Ack begin delay
200
td2
Ack end delay
200
MSB
chip address
LSB
MSB
1st data byte
LSB
MSB
2nd data byte
LSB
S
1
1
000000 ack 1 D6D5D4D3 D2 D1D0 ack 0 D6D5D4D3D2 D1 D0 ack
P
MSB
chip address
LSB
MSB
1st data byte
LSB
S
1
100
00
00
ack
K
D6D5D4D3
D2
D1D0
ack
P
SDA
SCL
td2
89
td1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com