Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA001 Datasheet HTML 2Page - STMicroelectronics STA001 Datasheet HTML 3Page - STMicroelectronics STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics STA001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
STA001
6/20
Figure 1. Typical IF Overall Gain vs Control Voltage
NF
Noise figure contribution
Measurement conditions: Input SIP, NIP
pins; output SOP, NOP pins. Rs=50Ω,
Rl=200Ω, DSB, Gain = 65dB
9dB
1dBcp
Input 1 dB compression
point
Gain = 65dB
-50
dBm
1dBcpfg
Input 1 dB compression
point full gain
Gain = 81dB
-66
dBm
IIP3
Input IP3
Gain = 65dB
-41
dBm
IIP3fg
Input IP3 full gain
Gain = 81dB
-57
dBm
Zin
Input impedance
Balanced, SOP, SON pins
50
Ω
Zout
Output impedance
Balanced, RXI, NRXI pins (see fig. 9)
200
Ω
VDC
SOP, SON common
mode DC voltage
AC coupled to the SAW filter
VDD-
1.2
VDD-1
VDD-
0.8
V
VDC
RXI, NRXI common
mode DC voltage
VDD-
2.1
VDD-
1.36
V
VDC
GADJ1, GADJ2 common
mode DC voltage
VDD-
0.15
VDD-
0.12
VDD
V
Zadj
Gain adjustment pins
impedance
Balanced, GADJ1, GADJ2 pins
800
Ω
BBleak
LO2 to BB leakage
Obtained using low pass filter at the output
-45
dBm
IF2leak
LO2 to IF2 leakage
Obtained with SAW filter connected to IF
port
-100
-30
dBm
IM3
Third order IM product
Vout=1VDDp
-30
dBc
ELECTRICAL CHARACTERISTCS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0.7
0.75
0.77
0.79
0.8
0.82
0.84
0.86
0.88
0.9
V(AGC1, AGC2) (Volt)
30
35
40
45
50
55
60
IF gain (dB)
IF TOTAL VOLTAGE GAIN (dB)
input SOP,NOP output RXI,NRXI
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
V(AGC1, AGC2) (Volt)
60
65
70
75
80
85
90
IF gain (dB)
IF TOTAL VOLTAGE GAIN (dB)
input SOP,NOP output RXI,NRXI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com