Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 2 Page - STMicroelectronics

  STA001 Datasheet HTML 1Page - STMicroelectronics STA001 Datasheet HTML 2Page - STMicroelectronics STA001 Datasheet HTML 3Page - STMicroelectronics STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
STA001
2/20
PIN CONNECTION (Top view)
PIN FUNCTION
N°
Pin
Function
1
VDD1
Positive supply 1
2
SIP
SAW filter input connection
3
SIN
SAW filter input connection
4
VSS1
Negative supply 1
5
LNI
RF input
6
NLNI
RF input
7
VSS1
Negative supply 1
8
NC
Not connected
9
PADJ1
RF gain adjust connection 1
10
PADJ2
RF gain adjust connection 2
11
ENRFOSC RF Oscillator enable
12
VDD2
Positive supply 2
13
TK1
1st PLL tank connection 1
14
NTK1
1st PLL tank connection 2
15
VDD2
Positive supply 2
16
FLT1
1st PLL loop filter connection
17
VSS2
Negative supply 2
18
XTAL1
Quartz oscillator connection 1
19
XTAL2
Quartz oscillator connection 2
20
REF
External optional TCXO input
21
XOSEL
Internal/external XO selection
22
TLCK
Lock detector output
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
VDD1
SIP
SIN
VSS1
LNI
NLNI
VSS1
N.C.
PADJ1
PADJ2
ENRFOSC
M_CLK2
M_CLK1
VSS3
SDA
SCL
VDD3
CE
GADJ2
GADJ1
NRXI
RXI
D97AU602
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com