Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA001 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA001 Datasheet HTML 12Page - STMicroelectronics STA001 Datasheet HTML 13Page - STMicroelectronics STA001 Datasheet HTML 14Page - STMicroelectronics STA001 Datasheet HTML 15Page - STMicroelectronics STA001 Datasheet HTML 16Page - STMicroelectronics STA001 Datasheet HTML 17Page - STMicroelectronics STA001 Datasheet HTML 18Page - STMicroelectronics STA001 Datasheet HTML 19Page - STMicroelectronics STA001 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
STA001
18/20
Application note: the crystal oscillator must have the following features:
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CRYSTAL OSCILLATOR (T = 25°, VP-VN = 3V)
fxtal1
Quartz frequency
- Resonance mode: series
- Using a 14.72
14.72
MHz
fxtal2
Quartz frequency
- Resonance mode: series
- using a 14.725 quartz
14.725
MHz
Pn
Phase noise
∆f = 1 KHz
-120
-118
dBc/Hz
VDC
XTAL1, XTAL2 common
mode DC voltage
XOSEL high
VP-1.1
VP-0.9
VP-0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com