Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014B Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA014B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA014B Datasheet HTML 16Page - STMicroelectronics STA014B Datasheet HTML 17Page - STMicroelectronics STA014B Datasheet HTML 18Page - STMicroelectronics STA014B Datasheet HTML 19Page - STMicroelectronics STA014B Datasheet HTML 20Page - STMicroelectronics STA014B Datasheet HTML 21Page - STMicroelectronics STA014B Datasheet HTML 22Page - STMicroelectronics STA014B Datasheet HTML 23Page - STMicroelectronics STA014B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Bitrate_index
indicates the bitrate (Kbit/sec) depending on the
MPEG ID.
bitrate index
ID = 1
ID = 0
’0000’
free
free
’0001’
32
8
’0010’
40
16
’0011’
48
24
’0100’
56
32
’0101’
64
40
’0110’
80
48
’0111’
96
56
’1000’
112
64
’1001’
128
80
’1010’
160
96
’1011’
192
112
’1100’
224
128
’1101’
256
144
’1110’
320
160
’1111’
forbidden
forbidden
Sampling Frequency
indicates the sampling frequency of the encoded
audio signal (KHz) depending on the MPEG ID
Sampling
Frequency
MPEG1
MPEG2
MPEG2.5
’00’
44.1
22.05
11.03
’01’
48
24
12
’10’
32
16
8
’11’
reserved
reserved
reserved
Padding bit
if this bit equals ’1’, the frame contains an addi-
tional slot to adjust the mean bitrate to the sam-
pling frequency, otherwise this bit is set to ’0’.
Private bit
Bit for private use. This bit will not be used in the
future by ISO/IEC.
Mode
Indicates the mode according to the following ta-
ble. The joint stereo mode is intensity_stereo
and/or ms_stereo.
mode
mode specified
’00’
stereo
’01’
joint stereo (intensity_stereo and/or ms_stereo)
’10’
dual_channel
’11’
single_channel (mono)
Mode extension
These bits are used in joint stereo mode. They in-
dicates which type of joint stereo coding method
is applied. The frequency ranges, over which the
intensity_stereo and ms_stereo modes are ap-
plied, are implicit in the algorithm.
Copyright
If this bit is equal to ’0’, there is no copyright on
the bitstream, ’1’ means copyright protected.
Original/Copy
This bit equals ’0’ if the bitstream is a copy, ’1’ if it
is original.
Emphasis
Indicates the type of de-emphasis that shall be
used.
emphasis
emphasis specified
’00’
none
’01’
50/15 microseconds
’10’
reserved
’11’
CCITT J,17
DLA
Address: 0x46 (70)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DLA7
DLA6
DLA5
DLA4
DLA3
DLA2
DLA1
DLA0
OUTPUT ATTENUATION
000
0000
0
NO ATTENUATION
000
0000
1
-1dB
000
0001
0
-2dB
:::
::::
:
:
011
0000
0
-96dB
STA014-STA014B-STA014T
20/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com