Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014B Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA014B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA014B Datasheet HTML 22Page - STMicroelectronics STA014B Datasheet HTML 23Page - STMicroelectronics STA014B Datasheet HTML 24Page - STMicroelectronics STA014B Datasheet HTML 25Page - STMicroelectronics STA014B Datasheet HTML 26Page - STMicroelectronics STA014B Datasheet HTML 27Page - STMicroelectronics STA014B Datasheet HTML 28Page - STMicroelectronics STA014B Datasheet HTML 29Page - STMicroelectronics STA014B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
MFSDF (X)
Address: 0x61 (97)
Type: R/W
Software Reset: 0x07
Hardware Reset: 0x07
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
M4
M3M2M1M0
The register contains the values for PLL X divider
(see Fig. 7).
The value is changed by the internal STA014
Core, to set the clocks frequencies, according to
the incoming bitstream. This value can be even
set by the user to select the PCM interface con-
figuration.
The VCO output frequency is divided by (X+1).
This register is a reference for 32KHz and 48 KHz
input bitstream.
DAC_CLK_MODE (99)
Address: 0x63
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XX
XXXXX
MODE
This register is used to select the operating mode
for OCLK clock signal. If it is set to ’1’, the OCLK
frequency is fixed, and it is mantained to the
value fixed by the user even if the sampling fre-
quency of the incoming bitstream changes. It the
MODE flag is set to ’0’, the OCLK frequency
changes, and can be set to (512, 384, 256) * Fs.
The default configuration for this mode is 256 *
Fs. When this mode is selected, the default
OCLK frequency is 12.288 MHz.
PLLFRAC_L ([7:0])
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
PLLFRAC_H ([15:8])
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF15 PF14 PF13 PF12 PF11 PF10
PF9
PF8
Address: 0x64 - 0x65 (100 - 101)
Type: R/W
Software Reset: 0x46 | 0x5B
Hardware Reset: 0xNA | 0x5B
The registers are considered logically concate-
nated and contain the fractional values for the
PLL, used to select the internal configuration.
After Reset, the values are NA, and the opera-
tional setting are done when the MPEG synchro-
nisation is achieved.
The following formula describes the relationships
among all the STA014 fractional PLL parameters:
OCLK_Freq
= 
1
X
+ 1

MCLK_freq
N
+ 1
⋅ 
M
+ 1 +
FRAC
65536
where:
FRAC=256 x FRAC_H + FRAC_L (decimal)
These registers are a reference for 48 / 24 / 12 /
32 / 16 / 8KHz audio.
PCMCROSS
Address: 0x56 (86)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
X
X
X
X
X
X
0
0
Left channel is mapped on the left output.
Right channel is mapped on the Right output
X
X
X
X
X
X
0
1
Left channel is duplicated on both Output channels.
X
X
X
X
X
X
1
0
Right channel is duplicated on both Output channels
X
X
X
X
X
X
1
1
Right and Left channels are toggled
The default configuration for this register is ’0x00’.
STA014-STA014B-STA014T
26/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com