Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA014B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA014B Datasheet HTML 19Page - STMicroelectronics STA014B Datasheet HTML 20Page - STMicroelectronics STA014B Datasheet HTML 21Page - STMicroelectronics STA014B Datasheet HTML 22Page - STMicroelectronics STA014B Datasheet HTML 23Page - STMicroelectronics STA014B Datasheet HTML 24Page - STMicroelectronics STA014B Datasheet HTML 25Page - STMicroelectronics STA014B Datasheet HTML 26Page - STMicroelectronics STA014B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
ADPCM_DATA_READY
Address: 0x52 (82)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XX
XXXXX
ADR
ADR: Adpcm Data Ready
This bit signal ADPCM encoded data are ready to
be retrieved.
PLLFRAC_441_H
Address: 0x52 (82)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF15 PF14 PF13 PF12 PF11 PF10
PF9
PF8
The registers are considered logically concate-
nated and contain the fractional values for the
PLL, for 44.1KHz reference frequency.
(see also PLLFRAC_L and PLLFRAC_H regis-
ters)
ADPCM_SAMPLE_FREQ
Address: 0x53 (83)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
ADPCM_SF
ADPCM_SF: Adpcm Sample Frequency
0x02
8KHz
0x0A
16KHz
0x0E
32KHz
PCMDIVIDER
Address: 0x54 (84)
Type: RW
Software Reset: 0x01
Hardware Reset: 0x01
765
432
10
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PCMDIVIDER is used to set the frequency ratio
between the OCLK (Oversampling Clock for
DACs), and the SCKT (Serial Audio Transmitter
Clock).
The relation is the following:
SCKT_freq
=
OCLK_freq
2
(1 + PCM_DIV)
STA014-STA014B-STA014T
23/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com