Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014B Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA014B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA014B Datasheet HTML 30Page - STMicroelectronics STA014B Datasheet HTML 31Page - STMicroelectronics STA014B Datasheet HTML 32Page - STMicroelectronics STA014B Datasheet HTML 33Page - STMicroelectronics STA014B Datasheet HTML 34Page - STMicroelectronics STA014B Datasheet HTML 35Page - STMicroelectronics STA014B Datasheet HTML 36Page - STMicroelectronics STA014B Datasheet HTML 37Page - STMicroelectronics STA014B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
WOW_ENABLE
Address: 0xC3 (195)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
This register enable (1) or disable (0) the WOW
feature.
WOW_SPK_MODE
Address: 0xC4 (196)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Using this register it’s possible to select one of 3
different speakers type for the WOW algorithm,
according to the following table:
0 - Headphone
1 - Medium
2 - Large
WOW_TRUEBASS
Address: 0xC5 (197)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
This register controls the TrueBass WOW en-
hancement feature. Allowed values are in the
range 0 to 127 (max. enhancement)
WOW_FOCUS
Address: 0xC6 (198)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
This register controls the Focus WOW enhance-
ment feature. Allowed values are in the range 0
to 127 (max. enhancement)
STA014-STA014B-STA014T
34/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com