Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 18Page - STMicroelectronics STA015T Datasheet HTML 19Page - STMicroelectronics STA015T Datasheet HTML 20Page - STMicroelectronics STA015T Datasheet HTML 21Page - STMicroelectronics STA015T Datasheet HTML 22Page - STMicroelectronics STA015T Datasheet HTML 23Page - STMicroelectronics STA015T Datasheet HTML 24Page - STMicroelectronics STA015T Datasheet HTML 25Page - STMicroelectronics STA015T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
DRB
Address: 0x49 (73)
Type: R/W
Software Reset: 0xFF
Hardware Reset: 0xFF
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DRB7
DRB6
DRB5
DRB4
DRB3
DRB2
DRB1
DRB0
OUTPUT ATTENUATION
0000000
0
NO ATTENUATION
0000000
1
-1dB
0000001
0
-2dB
:::
:::::
:
0110000
0
-96dB
DRB register is used to re-direct the Right Chan-
nel on the Left, or to mix both the Channels.
Default value is 0x00, corresponding at the maxi-
mum attenuation in the re-direction channel.
CHIP_MODE
Address: 0x4D (77)
Type: R/W
Hardware Reset: 0x00
Using this register it’s possible to select which op-
eration will be performed by the DSP.
Possible values are:
0x00 - MP3 decoding
0x01 - Reserved
0x02 - ADPCM Encoder
0x03 - ADPCM Decoder
The DSP will check for the value of this register
right after the RUN command ha s been issued
(refer to RUN register). After that no more checks
will be performed: therefore a SOFT_RESET
must be generated in order to change the device
mode.
CRCR
Address: 0x4E (78)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
X
X
X
X
CRCEN
The CRC register is used to enable/disable the
CRC check. If CRC_EN bit is cleared, the CRC
value encoded in the bitstream is checked
against the hardware one. If a discrepance oc-
curs, the current frame is skipped and the de-
coder is muted. The ERROR_CODE register is
affected with the value 0x01.
If CRC_EN bit is set, the result of the CRC check
is ignored, but the ERROR_CODE register is
nevertheless affected with the value 0x01 if a dis-
crepance has occurred.
MFSDF_441
Address: 0x50 (80)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
M4
M3
M2
M1
M0
This register contains the value for the PLL X
driver for the 44.1KHz reference frequency.
The VCO output frequency, when decoding
44.1KHzbitstream, is divided by (MFSDF_441 +1)
PLLFRAC_441_L
Address: 0x51 (81)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
STA015-STA015B-STA015T
22/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com