Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 21Page - STMicroelectronics STA015T Datasheet HTML 22Page - STMicroelectronics STA015T Datasheet HTML 23Page - STMicroelectronics STA015T Datasheet HTML 24Page - STMicroelectronics STA015T Datasheet HTML 25Page - STMicroelectronics STA015T Datasheet HTML 26Page - STMicroelectronics STA015T Datasheet HTML 27Page - STMicroelectronics STA015T Datasheet HTML 28Page - STMicroelectronics STA015T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
PCMCONF
Address: 0x55 (85)
Type: R/W
Software Reset: 0x21
Hardware Reset: 0x21
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
X
ORD
DIF
INV
FOR
SCL
PREC (1) PREC (1)
X
1
PCM order the LS bit is transmitted First
X
0
PCM order the MS bit is transmitted First
X
0
The word is right padded
X
1
The word is left padded
X
1
LRCKT Polarity compliant to I2S format
X
0
LRCKT Polarity inverted
X
0
I2S format
X
1
Different formats
X
1
Data are sent on the rising edge of SCKT
X
0
Data are sent on the falling edge of SCKT
X
0
0
16 bit mode (16 slots transmitted)
X
0
1
18 bit mode (18 slots transmitted)
X
1
0
20 bit mode (20 slots transmitted)
X
1
1
24 bit mode (24 slots transmitted)
PCMCONF is used to set the PCM Output Inter-
face configuration:
ORD: PCM order. If this bit is set to’1’, the LS Bit
is transmitted first, otherwise MS Bit is transmiited
first.
DIF: PCM_DIFF. It is used to select the position
of the valid data into the transmitted word. This
setting is significant only in 18/20/24 bit/word
mode.If it is set to ’0’ the word is right-padded,
otherwise it is left-padded.
INV (fig.13): It is used to select the LRCKT clock
polarity. If it is set to ’1’ the polarity is compliant to
I2S format (low -> left , high -> right), otherwise
the LRCKT is inverted. The default value is ’0’. (if
I2S have to be selected, must be set to ’1’ in the
STA015 configuration phase).
FOR: FORMAT is used to select the PCM Output
Interface format.
After hw and sw reset the value is set to 0 corre-
sponding to I
2S format.
SCL (fig.14): used to select the Transmitter Serial
Clock polarity. If set to ’1’ the data are sent on the
rising edge of SCKT and sampled on the falling. If
set to ’0’ , the data are sent on the falling edge
and sampled on the rising. This last option is the
most commonly used by the commercial DACs.
The default configuration for this flag is ’0’.
PREC [1:0]: PCM PRECISION
It is used to select the PCM samples precision, as
follows:
’00’: 16 bit mode (16 slots transmitted)
’01’: 18 bit mode (32 slots transmitted)
’10’: 20 bit mode (32 slots transmitted)
’11’: 24 bit mode (32 slots transmitted)
The PCM samples precision in STA015 can be
16 or 18-20-24 bits.
When STA015 operates in 16 (18-20-24) bits
mode, the number of bits transmitted during a
LRCLT period is 32 (64).
LRCKT
LRCKT
INV_LRCLK=0
left
left
right
right
left
left
INV_LRCLK=1
Figure 19. LRCKT Polarity Selection
INV_SCLK=0
SCKT
SDO
Figure 20. SCKT Polarity Selection
INV_SCLK=1
SCKT
SDO
STA015-STA015B-STA015T
25/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com