Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 23Page - STMicroelectronics STA015T Datasheet HTML 24Page - STMicroelectronics STA015T Datasheet HTML 25Page - STMicroelectronics STA015T Datasheet HTML 26Page - STMicroelectronics STA015T Datasheet HTML 27Page - STMicroelectronics STA015T Datasheet HTML 28Page - STMicroelectronics STA015T Datasheet HTML 29Page - STMicroelectronics STA015T Datasheet HTML 30Page - STMicroelectronics STA015T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
FRAME_CNT_L
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
FRAME_CNT_M
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC15 FC14 FC13 FC12 FC11 FC10
FC9
FC8
FRAME_CNT_H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC23 FC22 FC21 FC20 FC19 FC18 FC17 FC016
Address: 0x67, 0x68, 0x69 (103 - 104 - 105)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
The three registers are considered logically con-
catenated and compose the
Global Frame
Counter as described in the table.
It is updated at every decoded MPEG Frame.
The registers are reset on both hardware and
software reset.
AVERAGE_BITRATE
Address: 0x6A (106)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AB7
AB6
AB5
AB4
AB3
AB2
AB1
AB0
AVERAGE_BITRATE is a read-only register and
it contains the average bitrate of the incoming bit-
stream. The value is rounded with an accuracy of
1 Kbit/sec.
SOFTVERSION
Address: 0x71 (113)
Type: RO
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
SV7
SV6
SV5
SV4
SV3
SV2
SV1
SV0
After the STA015 boot, this register contains the
version code of the embedded software.
RUN
Address: 0x72 (114)
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXXXXXX
RUN
Setting this register to 1, STA015 leaves the idle
state, starting the decoding process.
The Microcontroller is allowed to set the RUN
flag, once all the control registers have been in-
itialized.
TREBLE_FREQUENCY_LOW
Address: 0x77 (119)
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TF7
TF6
TF5
TF4
TF3
TF2
TF1
TF0
TREBLE_FREQUENCY_HIGH
Address: 0x78 (120)
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TF15 TF14 TF13 TF12 TF11 TF10
TF9
TF8
The registers TREBLE_FREQUENCY-HIGH and
TREBLE_FREQUENCY-LOW, logically concate-
nated as a 16 bit wide register, are used to select
the frequency, in Hz, where the selected fre-
quency is +12dB respect to the stop band.
By setting these registers, the following rule must
be kept:
Treble_Freq < Fs/2
STA015-STA015B-STA015T
27/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com