Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 25Page - STMicroelectronics STA015T Datasheet HTML 26Page - STMicroelectronics STA015T Datasheet HTML 27Page - STMicroelectronics STA015T Datasheet HTML 28Page - STMicroelectronics STA015T Datasheet HTML 29Page - STMicroelectronics STA015T Datasheet HTML 30Page - STMicroelectronics STA015T Datasheet HTML 31Page - STMicroelectronics STA015T Datasheet HTML 32Page - STMicroelectronics STA015T Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
BASS_ENHANCE
Address: 0x7C (124)
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
BE7
BE6
BE5
BE4
BE3
BE2
BE1
BE0
Signed number (2 complement)
This register is used to select the enhancement
or attenuation STA015 has to perform on Bass
Frequency range at the digital signal.
A decrement (increment) of a decimal unit corre-
sponds to a step of attenuation (enhancement) of
1.5dB.
The allowed Attenuation/Enhan cement range is
[-18dB, +18dB].
MSB
LSB
ENHANCE/ATTENUATION
b7
b6
b5
b4
b3
b2
b1
b0
1.5dB step
0
00011
00
+18
0
00010
11
+16.5
0
00010
10
+15
0
00010
01
+13.5
.
.
.
0
000
000
1
+1
0
000
000
0
0
1
111
111
1
-1
.
.
.
1
1
1
1
0
1
1
1
-13.5
1
111
011
0
-15
1
1
1
1
0
1
0
0
-16.5
1
111
010
0
-18
STA015-STA015B-STA015T
29/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com