Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA5150
Description  200W MONO BASH POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5150 Datasheet(HTML) 1 Page - STMicroelectronics

  STA5150 Datasheet HTML 1Page - STMicroelectronics STA5150 Datasheet HTML 2Page - STMicroelectronics STA5150 Datasheet HTML 3Page - STMicroelectronics STA5150 Datasheet HTML 4Page - STMicroelectronics STA5150 Datasheet HTML 5Page - STMicroelectronics STA5150 Datasheet HTML 6Page - STMicroelectronics STA5150 Datasheet HTML 7Page - STMicroelectronics STA5150 Datasheet HTML 8Page - STMicroelectronics STA5150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
STA5150
July 2003
s
MONOCHIP BRIDGE MONO AMPLIFIER FOR
BASH
® ARCHITECTURE
s
160W OUTPUT POWER @ RL = 4 Ω,
THD = 0.5%
s
200W OUTPUT POWER @ RL = 4 Ω,
THD = 10%
s
HIGH DYNAMIC PREAMPLIFIER INPUT
STAGES
s
EXTERNAL PROGRAMMABLE FEEDBACK
TYPE COMPRESSORS
s
AC COUPLED INPUT TO CLASS AB BRIDGE
OUTPUT AMPLIFIER
s
PRECISION RECTIFIERS TO DRIVE THE
DIGITAL CONVERTER
s
ON-OFF SEQUENCE/ TIMER WITH MUTE
AND STANDBY
s
PROPORTIONAL OVER POWER OUTPUT
CURRENT TO LIMIT THE DIGITAL
CONVERTER
s
ABSOLUTE POWER BRIDGE OUTPUT
TRANSISTOR POWER PROTECTION
s
ABSOLUTE OUTPUT CURRENT LIMIT
s
INTEGRATED THERMAL PROTECTION
s
POWER SUPPLY OVER VOLTAGE
PROTECTION
s
FLEXIWATT POWER PACKAGE WITH 27 PIN
s
BASH® LICENCE REQUIRED
DESCRIPTION
The STA5150 is a fully integrated power module de-
signed to implement a BASH® amplifier when used
in conjunction with STABP01 digital processor.
FLEXIWATT27
200W MONO
POWER AMPLIFIER
BLOCK DIAGRAM
ABSOLUTE
VALUE
BLOCK
OUTPUT BRIDGE
PEAK
DETECTOR
OVER
VOLTAGE
PROTECTION
SOA
DETECTOR
TURN-
ON/OFF
SEQUENCE
THERMAL
PROTECTION
COMPRESSOR
∆G
+2
+2
+
-
V/l
S1
Ict
OUTPUT BRIDGE
CD-N
CD+N
STBY/MUTE
PROT.
CD+
CD-P
OUTP
OUTP
CD+P
IN_PRE
ATT_REL
TRK_OUT
THRESH
PWR_INP
TRK
OUT_ PRE
-VS
GND
+VS
D01AU1280
OUTN
OUTN
-1
-1


Similar Part No. - STA5150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
40-volt, 3-amp, quad power half bridge
27-Apr-2010
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 16P
40 V, 3 A, quad power half bridge
24-Feb-2014
STA515W13TR STMICROELECTRONICS-STA515W13TR Datasheet
287Kb / 16P
40 V, 3 A, quad power half bridge
24-Feb-2014
STA515W STMICROELECTRONICS-STA515W_V01 Datasheet
287Kb / 16P
40 V, 3 A, quad power half bridge
24-Feb-2014
More results

Similar Description - STA5150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
140W MONO BASH POWER AMPLIFIER
Jul-2003
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
4 X 50W STEREO BASH POWER AMPLIFIER
Jul-2003
STA550 STMICROELECTRONICS-STA550 Datasheet
201Kb / 16P
70&0W STEREO BASH POWER AMPLIFIER
Jul-2003
STA575 STMICROELECTRONICS-STA575 Datasheet
278Kb / 20P
100100W STEREO BASH POWER AMPLIFIER
Jul-2003
TDA7572 STMICROELECTRONICS-TDA7572 Datasheet
1Mb / 64P
200W mono bridge PWM amplifier with built-in step-up converter
03-Sep-2007
logo
Communications & Power ...
VZC-6962E2 CPI-VZC-6962E2 Datasheet
155Kb / 2P
200W Compact Low Power Amplifier
VZU-6992EC CPI-VZU-6992EC Datasheet
159Kb / 2P
200W Compact Low Power Amplifier
logo
Texas Instruments
TPA3245 TI1-TPA3245 Datasheet
449Kb / 28P
200W Mono PurePath Ultra-HD Analog-Input
logo
Fangtek Ltd.
FT690 FANGTEK-FT690 Datasheet
771Kb / 13P
1.25W Mono Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
1.25W Mono Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com