Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA530 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA530
Description  4 X 50W STEREO BASH POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA530 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA530 Datasheet HTML 7Page - STMicroelectronics STA530 Datasheet HTML 8Page - STMicroelectronics STA530 Datasheet HTML 9Page - STMicroelectronics STA530 Datasheet HTML 10Page - STMicroelectronics STA530 Datasheet HTML 11Page - STMicroelectronics STA530 Datasheet HTML 12Page - STMicroelectronics STA530 Datasheet HTML 13Page - STMicroelectronics STA530 Datasheet HTML 14Page - STMicroelectronics STA530 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
STA530
EXTERNAL COMPONENTS
Figure 7. BASH® module SAM261 6.1 with 2 x STA530 (see Application Note AN1643)
Power - On-Off sequences:
In order to avoid damages to the SAM261 board it is important to follow these sequences:
At Power-On apply in the first the Auxiliary Power Supply (±24V) and after the Main Power Supply
(+50V), in this condition the system is in "Mute state" and it can move in "play state" with the switch present
on the pcb.
At Power-Off is better to bring the SAM module in "Mute state" and after that to follow this order: switch-
off the Main Supply Voltage (+50V) and subsequently the Auxiliary Power Supply. (±24V).
Name
Function
Value
Formula
R1 = R2 =R7 = R8
Resistor for tracking input voltage
filter
10K
Ω
R5 = R6 =R3 = R4
Resistor for tracking input voltage
filter
56K
Ω
Cac
C1 = C2 = C3 = C4
AC Decoupling capacitor
100nF
(fp = 16Hz,
Rac =100K
Ω )
R9=R10=R11=R12 Resistor for tracking input voltage filter
10K
Ω
C5 = C6 = C7 = C8 Capacitor for Tracking input
voltage filter
1nF
C9=C10=C11=C12 Dc decoupling capacitor
1
µF
R17
Bias Resistor for Stby/Mute function
10K
Ω
R18
Stby/Mute constant time resistor
30K
Ω
R19
Mute resistor
30K
Ω
C19
Capacitor for Stby/Mute resistor
2.2
µF
C17 = C18
Power supply filter capacitor
100nF
R13 = R14
Centering resistor
330
Ω, 1W
C13 = C14
Tracking rail power supply filter
680nF
R15
TRK_out
40K
Ω
R16
Protection
1K
Ω
C15 = C16
Power supply filter capacitor
470
µF , 63V
D1
Schottky diode
SB360
Cac
1
2
π fp Rac
⋅⋅
---------------------------------
=
STA530
4 x 50Watts
STA530
1 x 100Watts
2 x 50Watts
Buck
Regulator
+50VDC
8 Ohm Loads
4 Ohm Load
AudioInputs
STABP01
Controller
Dynamic Power Supply
(CD+ & CD-)
Signal Power Supply
+/-24V DC / 50
mA
+/-24V DC / 50
mA
Signal Power Supply
Lines
of
Controls
BASH fi module SAM261
6.1
STA530
4 x 50Watts
STA530
1 x 100Watts
2 x 50Watts
Buck
Regulator
+50VDC
8 Ohm Loads
4 Ohm Load
AudioInputs
STABP01
Controller
Dynamic Power Supply
(CD+ & CD-)
Signal Power Supply
+/-24V DC / 50
mA
+/-24V DC / 50
mA
Signal Power Supply
Lines
of
Controls
BASH fi module SAM261
6.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com