Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA530 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA530
Description  4 X 50W STEREO BASH POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA530 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA530 Datasheet HTML 9Page - STMicroelectronics STA530 Datasheet HTML 10Page - STMicroelectronics STA530 Datasheet HTML 11Page - STMicroelectronics STA530 Datasheet HTML 12Page - STMicroelectronics STA530 Datasheet HTML 13Page - STMicroelectronics STA530 Datasheet HTML 14Page - STMicroelectronics STA530 Datasheet HTML 15Page - STMicroelectronics STA530 Datasheet HTML 16Page - STMicroelectronics STA530 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
STA530
For example in the STA530 the Rth jc is 1°C/W. R case-to-heatsink with grease is about 0.5 °C/W. The maxi-
mum operating junction temperature is 130 °C, which for margin should be derated to 120 °C.
Buck Regulator Heatsink
The Buck regulator heatsink can be designed in a similar manner and does not change by varying power supply.
In general the efficiency will be in the order of 85%. The thermal impedances from the junction(s) to the heatsink
may be lower and the maximum operating temperature will be higher. Usually either the sub or the remaining
channels are tested at full power. The result is that usually the Buck heatsink is about ¼ the size of the linear
heatsink, but this can be strongly affected by the design.
Figure 8. PCBs AND COMPONENTS LAYOUT
SAM261 Specification
Parameter
Rating
Notes
Output Power
Sats @ 8
Ω -
55 Watts @ 10%
Sub @ 4
Ω - 100 Watts @ 10%
See Graphs
THD + N
< 0.05% @ 40 Watts
< 0.05% @ 75 Watts
Measured @ 1KHZ
SNR
-102 dB (relative to full power)
-110 dB (A-weighted)
Channel 5 terminated
Sensitivity
1 VRMS
Amplifier
Crosstalk
-87dB (relative to10W)
Channel 5 @ 10W 1KHz 8
Ω,
Channel 3 input terminated
Main Power Supply Inputs
50Volts @ 2 Amps
Maximum Voltage is 50Vdc
Minimum Voltage is 40Vdc
Aux Power Supply Inputs
+ 24 Volts @ 100mA
-24 Volts @ 100mA
R
th
T
jmax
T
am b
P
d
----------------------------------
R
th j c ase
R
th cas e to heatsink
=
4 Supply Connections
4 Pins Harness
Power Supply Connections
9 Pins Harness
Audio Connections
Main DC
Input
VS DC
Input
Mute
Audio
Inputs
Preamplifier PCB
Amplifier PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com