Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA530 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA530
Description  4 X 50W STEREO BASH POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA530 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA530 Datasheet HTML 9Page - STMicroelectronics STA530 Datasheet HTML 10Page - STMicroelectronics STA530 Datasheet HTML 11Page - STMicroelectronics STA530 Datasheet HTML 12Page - STMicroelectronics STA530 Datasheet HTML 13Page - STMicroelectronics STA530 Datasheet HTML 14Page - STMicroelectronics STA530 Datasheet HTML 15Page - STMicroelectronics STA530 Datasheet HTML 16Page - STMicroelectronics STA530 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
STA530
14/17
Figure 9. THD + N FR Channel
Figure 10. THD + N vs Frequency
Figure 11. Residual Noise vs Freq - Relative to
full power
Figure 12. THD + N LF Channel
Figure 13. Frequency Response
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2.5
60
5
7.5 10 12.5 15 17.5 20 22.5 25 27.5 30 32.5 35 37.5 40 42.5 45 47.5 50 52.5 55 57.5
W
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2.5
60
5
7.5 10 12.5 15 17.5 20 22.5 25 27.5 30 32.5 35 37.5 40 42.5 45 47.5 50 52.5 55 57.5
W
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Pout = 30W
Pout = 5W
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Pout = 30W
Pout = 5W
Audio Precision
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBr
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBr
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
5
120
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 115
W
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
5
120
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 115
W
Audio Precision
+0
+30
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
+16
+17
+18
+19
+20
+21
+22
+23
+24
+25
+26
+27
+28
+29
dBr
10
40k
20
50
100
200
500
1k
2k
5k
10k
20k
Hz
Audio Precision
+0
+30
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
+16
+17
+18
+19
+20
+21
+22
+23
+24
+25
+26
+27
+28
+29
dBr
10
40k
20
50
100
200
500
1k
2k
5k
10k
20k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com