Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145BMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2145BMM
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2145BMM Datasheet HTML 1Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 2Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 3Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 4Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 5Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
April 2005
5
M9999-042205
MIC2145
Micrel, Inc.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Peak Current Limit
vs. Temperature
V
IN = 3.6V
V
OUT = 10V
L = 10µH
R
SET = 200
R
SET = 500
R
SET = 1k
R
SET = 10k
0
2
4
6
8
10
12
14
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Soft Start Current
vs. Temperature
V
IN = 3.6V
400
600
800
1000
1200
1400
1600
1800
2000
100
1000
10000
100000
RSET(Ω)
Peak Current Limit
vs. RSET
15V
5.0V
4.2V
2.4V
3.0V
3.3V
3.6V
8.0V
10V
12V
VOUT/VIN > 1.25
L = 10µH
VIN =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com