Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2145BMM
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2145BMM Datasheet HTML 1Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 2Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 3Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 4Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 5Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC2145
Micrel, Inc.
M9999-042205
4
April 2005
Typical Characteristics
50
60
70
80
90
100
OUTPUT CURRENT (A)
Efficiency-Basic
Configuration
V
IN = 3.3V
V
OUT = 10V
L = 10µH
50
60
70
80
90
100
OUTPUT CURRENT (A)
Efficiency-Bootstrapped
Configuration
V
IN
=
3.3V
V
OUT
=
10V
L = 10µH
9.2
9.4
9.6
9.8
10.0
10.2
OUTPUT CURRENT (A)
Load Regulation
V
IN = 3.6V
L = 10µH
14.0
14.2
14.4
14.6
14.8
15.0
15.2
15.4
15.6
15.8
16.0
2
468
10
12
14
16
V
DD
(V)
Line Regulation
L = 10µH
I
OUT = 10mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
02
46
8 10 12 14 16 18
V
DD
(V)
Switch On-Resistance
vs. V
DD
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
02
468 10 12 14 16 18
V
DD
(V)
Quiescent Current
vs. V
DD
1.05
1.06
1.07
1.08
1.09
1.1
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Feedback Current
vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Off Time
vs. Temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Shutdown Current
vs. Temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
V
IN = 3.6V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Switch On-Resistance
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com