Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145BMM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2145BMM
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BMM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2145BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 9Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 10Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 11Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 12Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 13Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MIC2145
Micrel, Inc.
M9999-042205
10
April 2005
Inductor
The MIC2145 has a programmable peak current to allow the
usage of small surface mount inductors. A 10µH or 4.7µH
inductor is recommended for most portable applications such
as powering white LEDs and biasing LCD panels. The
inductor should have a saturation current rating higher than
the peak current during circuit operation. A low ESR (Equiva-
lent Series Resistance) inductor is also desirable for high
efficiency. Below are tables that list the maximum output
current at minimum input voltage with efficiencies greater
than 80%.
V
)
n
i
m
(
N
I
V
)
x
a
m
(
N
I
T
E
S
RI
)
x
a
m
(
T
U
O
V
T
U
O
)
V
()
V
()
Ω
()
A
m
()
V
(
0
.
3
5
.
4
0
0
4
0
5
25
5
.
90
80
1
5
.
90
62
1
5
.
90
55
1
Table 3. Typical Application for 4.7
µH Inductor in
Basic Configuration
V
)
n
i
m
(
N
I
V
)
x
a
m
(
N
I
T
E
S
RI
)
x
a
m
(
T
U
O
V
T
U
O
)
V
()
V
()
Ω
()
A
m
()
V
(
0
.
3
5
.
4
0
0
2
0
0
55
5
.
45
2
20
1
5
.
40
5
12
1
5
.
40
3
15
1
Table 4. Typical Application for 4.7
µH Inductor in
Bootstrap Configuration
V
)
n
i
m
(
N
I
V
)
x
a
m
(
N
I
T
E
S
RI
)
x
a
m
(
T
U
O
V
T
U
O
)
V
()
V
()
Ω
()
A
m
()
V
(
4
.
2
5
.
4
k
0
1
0
85
5
.
95
20
1
5
.
1
10
22
1
5
.
4
15
15
1
0
.
3
5
.
4
k
0
1
0
5
15
5
.
90
50
1
5
.
1
10
42
1
5
.
4
10
35
1
6
.
3
5
.
4
k
0
1
0
5
25
5
.
90
70
1
5
.
1
10
52
1
5
.
4
10
45
1
0
.
5
5
.
9
k
0
1
0
9
10
1
5
.
1
10
3
12
1
5
.
4
10
95
1
Table 1. Typical Application for 10
µH Inductor in
Basic Configuration
V
)
n
i
m
(
N
I
V
)
x
a
m
(
N
I
T
E
S
RI
)
x
a
m
(
T
U
O
V
T
U
O
)
V
()
V
()
Ω
()
A
m
()
V
(
4
.
2
5
.
4
k
0
1
0
6
15
5
.
90
0
10
1
5
.
1
10
92
1
5
.
4
10
75
1
0
.
3
5
.
4
k
0
1
0
5
25
5
.
90
5
10
1
5
.
1
10
2
12
1
5
.
4
10
0
15
1
6
.
3
5
.
4
k
0
1
0
5
35
5
.
90
7
10
1
5
.
1
10
5
12
1
5
.
4
10
2
15
1
0
.
5
5
.
9
k
0
1
0
0
30
1
5
.
1
10
5
22
1
5
.
4
10
0
25
1
Table 2. Typical Application for 10
µH Inductor in
Bootstrap Configuration
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com