Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145BMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2145BMM
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2145BMM Datasheet HTML 1Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 2Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 3Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 4Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 5Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2145
Micrel, Inc.
M9999-042205
2
April 2005
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MSOP
MLF
11
EN
Enable (Input): Logic high (≥1.5V) enables regulator. Logic low (≤0.7V)
shuts down regulator. Do not float.
22
SS
Soft Start Capacitor (External Component): Connect external capacitor to
ground to control the rise time of the output voltage.
33
RSET
Current Limit (External Component): Sets peak current limit of the internal
power MOSFET using an external resistor.
4
4, 5
PGND
Power Ground (Return): Internal power MOSFET source.
5
6, 7
SW
Switch Node (Input): Internal power MOSFET drain.
68
VDD
Supply (Input): +2.4V to +16V for internal circuitry.
79
FB
Feedback (Input): Output voltage sense node.
810
SGND
Small Signal Ground (Return): Ground
Pin Configuration
1
EN
SS
RSET
PGND
8
SGND
FB
VDD
SW
7
6
5
2
3
4
8-Lead MSOP (MM)
EN
SS
RSET
PGND
SGND
FB
VDD
SW
1
2
3
4
10
9
8
7
56
PGND
SW
3mm×
×
×
×
×3mm MLF-10L (ML)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com