Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4100 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4100
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4100 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4100 Datasheet HTML 1Page - Micrel Semiconductor MIC4100 Datasheet HTML 2Page - Micrel Semiconductor MIC4100 Datasheet HTML 3Page - Micrel Semiconductor MIC4100 Datasheet HTML 4Page - Micrel Semiconductor MIC4100 Datasheet HTML 5Page - Micrel Semiconductor MIC4100 Datasheet HTML 6Page - Micrel Semiconductor MIC4100 Datasheet HTML 7Page - Micrel Semiconductor MIC4100 Datasheet HTML 8Page - Micrel Semiconductor MIC4100 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC4100/1
100V Half Bridge MOSFET Drivers
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2006
M9999-031506
General Description
The MIC4100/1 are high frequency, 100V Half Bridge
MOSFET driver ICs featuring fast 30ns propagation delay
times. The low-side and high-side gate drivers are
independently controlled and matched to within 3ns
typical. The MIC4100 has CMOS input thresholds, and the
MIC4101 has TTL input thresholds. The MIC4100/1
include a high voltage internal diode that charges the high-
side gate drive bootstrap capacitor.
A robust, high-speed, and low power level shifter provides
clean level transitions to the high side output. The robust
operation of the MIC4100/1 ensures the outputs are not
affected by supply glitches, HS ringing below ground, or
HS slewing with high speed voltage transitions. Under-
voltage protection is provided on both the low-side and
high-side drivers.
The MIC4100 is available in the SOIC-8L package with a
junction operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Bootstrap supply max voltage to 118V DC
• Supply voltage up to 16V
• Drives high- and low-side N-Channel MOSFETs with
independent inputs
• CMOS input thresholds (MIC4100)
• TTL input thresholds (MIC4101)
• On-chip bootstrap diode
• Fast 30ns propagation times
• Drives 1000pF load with 10ns rise and fall times
• Low power consumption
• Supply under-voltage protection
• 3Ω pull up , 3Ω pull down output resistance
• Space saving SOIC-8L package
• –40°C to +125°C junction temperature range
Applications
• High voltage buck converters
• Push-pull converters
• Full- and half-bridge converters
• Active clamp forward converters
___________________________________________________________________________________________________________
Typical Application
HI
MIC4100
SO-8
PWM
Controller
LI
HO
HS
LO
HB
VDD
9V to 16V Bias
100V Supply
GND
V
OUT
100V Buck Regulator Solution


Similar Part No. - MIC4100

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100 Datasheet
797Kb / 18P
100V Half Bridge MOSFET Drivers
MIC4100BM MIC-MIC4100BM Datasheet
797Kb / 18P
100V Half Bridge MOSFET Drivers
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
100V Half Bridge MOSFET Drivers
More results

Similar Description - MIC4100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103 Datasheet
597Kb / 17P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103_10 Datasheet
718Kb / 18P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
100V Half Bridge MOSFET Drivers
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com