Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4100 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC4100
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4100 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC4100 Datasheet HTML 10Page - Micrel Semiconductor MIC4100 Datasheet HTML 11Page - Micrel Semiconductor MIC4100 Datasheet HTML 12Page - Micrel Semiconductor MIC4100 Datasheet HTML 13Page - Micrel Semiconductor MIC4100 Datasheet HTML 14Page - Micrel Semiconductor MIC4100 Datasheet HTML 15Page - Micrel Semiconductor MIC4100 Datasheet HTML 16Page - Micrel Semiconductor MIC4100 Datasheet HTML 17Page - Micrel Semiconductor MIC4100 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Micrel, Inc.
MIC4100/1
March 2006
14
M9999-031506
The power dissipated inside the MIC4100/1 is equal to the
circuit
drive
gate
the
of
frequency
switching
the
is
fs
MOSFET
on the
voltage
source
to
gate
the
is
Vgs
Vgs
at
charge
gate
total
the
is
Qg
off
and
on
MOSFET
the
switching
by
dissipated
power
the
is
P
cycle
switching
per
dissipated
energy
the
is
E
Qg
Qg
E
driver
driver
dirver
where
fs
V
P
and
V
gs
driver
gs
×
×
=
×
=
ratio of Ron & Roff to the external resistive losses in Rg
and Rg_fet. Letting Ron =Roff, the power dissipated in the
MIC4100 due to driving the external MOSFET is:
fet
Rg
Rg
Ron
Ron
P
Pdiss
driver
drive
_
+
+
=
Supply Current Power Dissipation
s
ipated by the MIC4100 due to supply
Total power dissipation and Thermal Considerations
s
The die temperature may be calculated once the total
Power is dissipated in the MIC4100 even if is there i
nothing being driven. The supply current is drawn by the
bias for the internal circuitry, the level shifting circuitry and
shoot-through current in the output drivers. The supply
current is proportional to operating frequency and the Vdd
and Vhb voltages. The typical characteristic graphs show
how supply current varies with switching frequency and
supply voltage.
The power diss
current is
Ihb
Vhb
Idd
Vdd
Pdiss
ply
×
+
×
=
sup
Total power dissipation in the MIC4100 or MIC4101 i
equal to the power dissipation caused by driving the
external MOSFETs, the supply current and the internal
bootstrap diode.
total
drive
ply
total
Pdiode
Pdiss
Pdiss
Pdiss
+
+
=
sup
power dissipation is known.
JA
total
A
J
Pdiss
T
T
θ
×
+
=
C/W)
(
air
ambient
o
junction t
from
resistance
thermal
the
is
θ
MIC4100/1
the
of
n
dissipatio
power
the
is
Pdiss
C)
(
emperature
junction t
the
is
T
mperature
ambient te
maximum
the
is
T
:
JC
total
J
A
°
°
where
Propagation Delay and Delay Matching and other
Timing Considerations
Propagation delay and signal timing is an important
t only to minimize propagation
time between the control
e or a
t is less than the minimum pulse width may
ime required for the CB
ed for both the low side
(Vdd) and high side (HB) supply pins. These capacitors
external
consideration in a high performance power supply. The
MIC4100 is designed no
delay but to minimize the mismatch in delay between the
high-side and low-side drivers.
Fast propagation delay between the input and output drive
waveform is desirable. It improves overcurrent protection
by decreasing the response
signal
and
the
MOSFET
gate
drive.
Minimizing
propagation delay also minimizes phase shift errors in
power supplies with wide bandwidth control loops.
Many power supply topologies use two switching
MOSFETs operating 180º out of phase from each other.
These MOSFETs must not be on at the same tim
short circuit will occur, causing high peak currents and
higher power dissipation in the MOSFETs. The MIC4100
and MIC4101 output gate drivers are not designed with
anti-shoot-through protection circuitry. The output drives
signals simply follow the inputs. The power supply design
must include timing delays (dead-time) between the input
signals to prevent shoot-through. The MIC4100 &
MIC4101 drivers specify delay matching between the two
drivers to help improve power supply performance by
reducing the amount of dead-time required between the
input signals.
Care must be taken to insure the input signal pulse width
is greater than the minimum specified pulse width. An
input signal tha
result in no output pulse or an output pulse whose width is
significantly less than the input.
The maximum duty cycle (ratio of high side on-time to
switching period) is controlled by the minimum pulse width
of the low side and by the t
capacitor to charge during the off-time. Adequate time
must be allowed for the CB capacitor to charge up before
the high-side driver is turned on.
Decoupling and Bootstrap Capacitor Selection
Decoupling capacitors are requir
supply the charge necessary to drive the
MOSFETs as well as minimize the voltage ripple on these
pins. The capacitor from HB to HS serves double duty by
providing decoupling for the high-side circuitry as well as
providing current to the high-side circuit while the high-side
external MOSFET is on. Ceramic capacitors are
recommended because of their low impedance and small
size. Z5U type ceramic capacitor dielectrics are not
recommended due to the large change in capacitance over
temperature and voltage. A minimum value of 0.1uf is
required for each of the capacitors, regardless of the
MOSFETs being driven. Larger MOSFETs may require
larger capacitance values for proper operation. The
voltage rating of the capacitors depends on the supply
voltage, ambient temperature and the voltage derating
used for reliability. 25V rated X5R or X7R ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com