Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4100 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4100
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4100 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4100 Datasheet HTML 9Page - Micrel Semiconductor MIC4100 Datasheet HTML 10Page - Micrel Semiconductor MIC4100 Datasheet HTML 11Page - Micrel Semiconductor MIC4100 Datasheet HTML 12Page - Micrel Semiconductor MIC4100 Datasheet HTML 13Page - Micrel Semiconductor MIC4100 Datasheet HTML 14Page - Micrel Semiconductor MIC4100 Datasheet HTML 15Page - Micrel Semiconductor MIC4100 Datasheet HTML 16Page - Micrel Semiconductor MIC4100 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Micrel, Inc.
MIC4100/1
March 2006
13
M9999-031506
HS
HB
HO
Vdd
C
B
LO
Level
shift
HI
LI
Vss
Vin
external
diode
Figure 6
Gate Driver Power Dissipation
Power dissipation in the output driver stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 7 shows a simplified equivalent circuit of the
MIC4100 driving an external MOSFET.
HS
HB
HO
External
FET
Vdd
C
B
Rg
Rg_fet
Ron
Roff
Cgd
Cgs
Figure 7
Dissipation during the external MOSFET Turn-On
Energy from capacitor CB is used to charge up the input
capacitance of the MOSFET (Cgd and Cgs). The energy
delivered to the MOSFET is dissipated in the three
resistive components, Ron, Rg and Rg_fet. Ron is the on
resistance of the upper driver MOSFET in the MIC4100.
Rg is the series resistor (if any) between the driver IC and
the MOSFET. Rg_fet is the gate resistance of the
MOSFET. Rg_fet is usually listed in the power MOSFET’s
specifications. The ESR of capacitor CB and the resistance
of the connecting etch can be ignored since they are much
less than Ron and Rg_fet.
The effective capacitance of Cgd and Cgs is difficult to
calculate since they vary non-linearly with Id, Vgs, and
Vds. Fortunately, most power MOSFET specifications
include a typical graph of total gate charge vs. Vgs. Figure
8 shows a typical gate charge curve for an arbitrary power
MOSFET. This chart shows that for a gate voltage of 10V,
the MOSFET requires about 23.5nC of charge. The energy
dissipated by the resistive components of the gate drive
circuit during turn-on is calculated as:
MOSFET
the
of
e
capacitanc
gate
total
the
is
Ciss
Qg
1/2
E
so
V
C
Q
but
2
2
1
where
V
V
Ciss
E
gs
gs
×
×
=
×
=
×
×
=
10
8
6
4
2
0
0
5
10
15
20
25
Gate Charge
Qg - Total Gate Charge (nC)
VDS = 50V
ID = 6.9A
Figure 8
The same energy is dissipated by Roff, Rg and Rg_fet
when the driver IC turns the MOSFET off. Assuming Ron
is approximately equal to Roff, the total energy and power
dissipated by the resistive drive elements is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com