Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4100 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC4100
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4100 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC4100 Datasheet HTML 10Page - Micrel Semiconductor MIC4100 Datasheet HTML 11Page - Micrel Semiconductor MIC4100 Datasheet HTML 12Page - Micrel Semiconductor MIC4100 Datasheet HTML 13Page - Micrel Semiconductor MIC4100 Datasheet HTML 14Page - Micrel Semiconductor MIC4100 Datasheet HTML 15Page - Micrel Semiconductor MIC4100 Datasheet HTML 16Page - Micrel Semiconductor MIC4100 Datasheet HTML 17Page - Micrel Semiconductor MIC4100 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Micrel, Inc.
MIC4100/1
March 2006
17
M9999-031506
The circuit is configured as a synchronous buck power
stage. The high-side MOSFET drain connects to the input
supply voltage (drain) and the source connects to the
switching node. The low-side MOSFET drain connects to
the switching node and its source is connected to ground.
The buck converter output inductor (not shown) would
connect to the switching node. The high-side drive trace,
HO, is routed on top of its return trace, HS, to minimize
loop area and parasitic inductance. The low-side drive
trace LO is routed over the ground plane which minimizes
the impedance of that current path. The decoupling
capacitors, CB and CVDD are placed to minimize etch length
between the capacitors and their respective pins. This
close placement is necessary to efficiently charge
capacitor CB when the HS node is low. All traces are
0.025” wide or greater to reduce impedance. Cin is used to
decouple the high current path through the MOSFETs.
CB
HS
HO
HB
Vdd
HI
LI
Vss
LO
Cvdd
GND
(FET Source)
MIC4100
HS Node
(switching node)
Low-side FET
Vin (FET Drain)
High-side FET
CIN
GND
HO trace
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com