Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5022BWM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5022BWM
Description  Half-Bridge MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022BWM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5022BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
July 2005
5
MIC5022
MIC5022
Micrel, Inc.
Typical Characteristics
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
5 10 15 20 25 30 35 40
V
SUPPLY (V)
Supply Current vs.
Supply Voltage
VIN = 0V
VIN = 5V
0
5
10
15
20
25
5 10 15 20 25 30 35 40
V
SUPPLY (V)
Gate to Source Voltage
vs. Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
5 10 15 20 25 30 35 40
V
SUPPLY (V)
Gate Turn-On Delay vs.
Supply Voltage
VGATE = VSUPPLY + 4V
CL = CH = 1500pF
CBOOST = 0.01µF
NOTE: INCLUDES PROPAGATION
DELAY & CROSS CONDUCTION
LOCKOUT
0
0.5
1
1.5
2
2.5
5 10 15 20 25 30 35 40
V
SUPPLY (V)
Gate Turn-On Delay vs.
Supply Voltage
VGATE H = VSUPPLY + 10V
CL = CH = 1500pF
CBOOST = 0.01µF
NOTE: INCLUDES PROPAGATION
DELAY & CROSS CONDUCTION
LOCKOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1x100 1x101 1x102 1x103 1x104 1x105
C
GATE (pF)
Gate Turn-On/Off Delay vs.
Gate Capacitance
HIGH-SIDE
VGATE H = VSUPPLY + 4V
CL = CH
VSUPPLY = 12V
NOTE: INCLUDES PROPAGATION
DELAY & CROSS CONDUCTION
LOCKOUT
PROP.
DELAY
1.0
1.5
2.0
2.5
3.0
3.5
1x100 1x101 1x102 1x103 1x104 1x105
C
GATE (pF)
Gate Turn-On/Off Delay vs.
Gate Capacitance
LOW-SIDE
VGATE L = 4V
CL = CH
VSUPPLY = 12V
NOTE: INCLUDES
PROPAGATION
DELAY & CROSS
CONDUCTION
LOCKOUT
PROP.
DELAY
0
5
10
15
20
25
0.1
1
10
100 1000 10000
C
TH (pF)
NOTE:
tON, tOFF TIME
INDEPENDENT
OF VSUPPLY
Overcurrent Retry Duty
Cycle vs. Timing Capacitance
tON = 5µS
VSUPPLY = 12V
HIGH SIDE
0.0
5.0
10.0
15.0
20.0
25.0
0.1
1
10
100 1000 10000
C
TL (pF)
tON = 5µS
VSUPPLY = 12V
Overcurrent Retry Duty
Cycle vs. Timing Capacitance
LOW SIDE
0
20
40
60
80
100
0
5
10
15
20
25
V
IN (V)
Input Current vs.
Input Voltage
VSUPPLY = 12V
20
30
40
50
60
70
80
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Sense Threshold vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com