Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5022BWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5022BWM
Description  Half-Bridge MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022BWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5022BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC5022
Micrel, Inc.
MIC5022
2
July 2005
Pin Description
DIP Pin No.
SOIC Pin No.
Pin Name
Pin Function
1
1
VDD
Supply: +12V to +36V. Decouple with ≥ 10µF capacitor.
2
3
Input
TTL Compatible Input: Logic high turns the high-side external MOSFET
on and the low-side external MOSFET off. Logic low turns the high-side
external MOSFET off and the low-side external MOSFET on. An internal
pull-down returns an open pin to logic low.
3
4
Fault
When either sense voltage exceeds threshold, open collector output is open
circuit for 5µs (tG(ON)), then pulled low for tG(OFF). tG(OFF) is adjustable from
CT.
4
5
CTH
Retry Trimming Capacitor, High Side: Controls the off time (tG(OFF)) of the
overcurrent retry cycle. (Duty cycle adjustment.)
• Open = approx. 20% duty cycle.
• Capacitor to Ground = approx. 20% to < 1% duty cycle.
• Pullup resistor = approx. 20% to approx. 75% duty cycle.
• Ground = maintained shutdown upon overcurrent condition.
5
6
Enable
Output Enable: Disables operation of the output drivers; active high. An
internal pull-down returns an open pin to logic low.
6
7
CTL
Retry Trimming Capacitor, Low Side: Same function as CTH.
7
8
Gnd
Circuit Ground
8
8
Sense L +
Current Sense Comparator (+) Input, Low Side: Connect to source of low-
side MOSFET. A built-in offset (nominal 50mV) in conjunction with RSENSE
sets the load overcurrent trip point.
9
10
Sense L –
Current Sense Comparator (–) Input, Low Side: Connect to the negative
side of the low-side sense resistor.
10
11
Gate L
Gate Drive, Low Side: Drives the gate of an external power MOSFET. Also
limits VGS to 15V max. to prevent Gate to Source damage. Will sink and
source current.
11
12
Sense H +
Current Sense Comparator (+) Input, High Side: Connect to source of high-
side MOSFET. A built-in offset (nominal 50mV) in conjunction with RSENSE
sets the load overcurrent trip point.
12
13
Source H –
Current Sense Comparator (–) Input, High Side: Connect to the negative
side of the high-side sense resistor.
13
14
Gate H
Gate Drive, High Side: Drives the gate of an external power MOSFET. Also
limits VGS to 15V max. to prevent Gate to Source damage. Will sink and
source current.
14
15
VBOOST
Charge Pump Boost Capacitor: A bootstrap capacitor from VBOOST to
the MOSFET source pin supplies charge to quickly enhance the external
MOSFET’s gate .
Pin Configuration
DIP Package
SOIC Package
(N)
(WM)
14
2
3
4
5
6
7
13
12
10
9
8
11
VDD
VBOOST
Input
Fault
CTH
Enable
CTL
Gnd
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
1
14
2
3
4
5
6
7
13
12
10
9
11
VDD
VBOOST
Input
Fault
CTH
Enable
CTL
Gnd
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
NC
NC
8
15
16
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com