Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5022BWM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5022BWM
Description  Half-Bridge MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022BWM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5022BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC5022
Micrel, Inc.
MIC5022
4
July 2005
Electrical Characteristics
TA = 25°C, Gnd = 0V, VDD = 12V, Gate CL = 1500pF (IRF540 MOSFET) unless otherwise specificed
Symbol
Parameter
Condition
Min
Typ
Max
Units
D.C. Supply Current
VDD = 12V, Input = 0V
2.5
5
mA
VDD = 36V, Input = 0V
6.0
10
mA
VDD = 12V, Input = 5V
2.4
5
mA
VDD = 36V, Input = 5V
3.0
25
mA
Input Threshold
0.8
1.4
2.0
V
Input Hysteresis
0.1
V
Input Pull-Down Current
Input = 5V
10
20
40
µA
Enable Threshold
0.8
1.4
2.0
V
Enable Hysteresis
0.1
V
Fault Output
Fault Current = 1.6mA
0.15
0.4
V
Saturation Voltage
Note 1
Fault Output Leakage
Fault = 36V
–1
0.01
+1
µA
Current Limit Thresh., Low-Side
Note 2
30
50
70
mV
Current Limit Thresh., High-Side
Note 2
30
50
70
mV
Gate On Voltage, High-Side
VDD = 12V, Note 3
16
18
21
V
VDD = 36V, Note 3
46
49
52
V
Gate On Voltage, Low-Side
VDD = 12V, Note 3
10
11
V
VDD = 36V, Note 3
14
15
18
V
tG(ON)
Gate On Time, Fixed
Sense Differential > 70mV
2
5
10
µs
tG(OFF)
Gate Off Time, Adjustable
Sense Differential > 70mV, CT = 0pF
10
20
50
µs
tDLH
Gate Turn-On Delay, High-Side
Note 4
1.4
2.0
µs
tR
Gate Rise Time, High-Side
Note 5
0.8
1.5
µs
tDHL
Gate Turn-Off Delay, High-Side
Note 6
1.2
2.0
µs
tF
Gate Fall Time, High-Side
Note 7
0.6
1.5
µs
tDLH
Gate Turn-On Delay, Low-Side
Note 4
1.7
2.5
µs
tR
Gate Rise Time, Low-Side
Note 8
0.7
1.5
µs
tDHL
Gate Turn-Off Delay, Low-Side
Note 9
0.5
1.0
µs
tF
Gate Fall Time, Low-Side
Note 10
1.0
1.5
µs
Note 1
Voltage remains low for time affected by CT.
Note 2
When using sense MOSFETs, it is recommended that RSENSE < 50Ω. Higher values may affect the sense MOSFET’s current transfer ratio.
Note 3
DC measurement.
Note 4
Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for Gate transition from 0V to 2V.
Note 5
Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for Gate transition from 2V to 17V.
Note 6
Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 20V (Gate on voltage) to 17V.
Note 7
Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 17V to 2V.
Note 8
Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for Gate transition from 2V to 10V.
Note 9
Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 15V (Gate on voltage) to 10V.
Note 10 Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 10V to 2V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com