Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5022BWM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5022BWM
Description  Half-Bridge MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022BWM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5022BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 9Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
July 2005
7
MIC5022
MIC5022
Micrel, Inc.
Functional Description
Refer to the MIC5022 block diagram.
Input
A signal greater than 1.4V (nominal) applied to the MIC5022
INPUT
causes gate enhancement on an external MOSFET
connected to GATE H turning the high-side MOSFET on.
At the same time internal logic removes gate enhancement
from an external MOSFET connected to GATE L, turning the
low-side MOSFET off.
An internal pull-down resistor insures that an open INPUT
remains low, keeping the external high-side MOSFET turned
off and the low-side MOSFET turned on.
Enable (Active Low)
A signal greater than 1.4V (nominal) applied to the MIC5022
ENABLE
keeps both GATE outputs off. An internal pull-down
resistor insures that the MIC5022 is enabled if the pin is
open.
Gate Outputs
Rapid rise and fall times on the GATE output are possible
because each input state change triggers a one-shot which
activates a high-value current sink (10I2) for a short time.
This draws a high current though a current mirror circuit
causing the output transistors to quickly charge or discharge
the external FET’s gate.
A second current sink continuously draws the lower value
of current used to maintain the gate voltage for the selected
state.
Internal 15V Zener diodes protect the external high-side and
low-side MOSFETs by limiting the gate to source voltage.
Charge Pump (High-Side)
An internal charge pump utilizes an external “boost” capacitor
connected between VBOOST and the source of the external
FET (refer to TypicalApplication). The boost capacitor stores
charge when the FET is off. As the FET begins to turn on
the voltage on the source side of the capacitor increases
(because it is on the high side of the load) raising the VBOOST
pin voltage. The boost capacitor charge is directed through
the gate pin to quickly charge the FET’s gate to 15V maximum
above VDD. The internal charge pump maintains the gate
voltage by supplying a small current as needed.
Overcurrent Limiting (High or Low-Side)
Current source I1 charges CINT upon power up. An optional
externalcapacitorconnectedtoCTiskeptdischargedthrough
a FET Q1.
A fault condition (> 50mV from SENSE + to SENSE –) causes
the overcurrent comparator to enable current sink 2I1 which
overcomes current source I1 to discharge CINT in about 5µs
time. When CINT is discharged, the INPUT is disabled, the
FAULT
output is enabled, and CINT and CT are ready to be
charged. Since the INPUT is disabled the GATE output turns
off.
When the GATE output turns off the FET, the overcurrent
signal is removed from the sense inputs which deactivates
current sink 2I1. This allows CINT and the optional capacitor
connected to CT to recharge. A Schmitt trigger delays the
retry while the capacitor(s) recharge. Retry delay is increased
by connecting a capacitor connected to CT (optional).
The MIC5022’s low-side driver may be used without current
sensing by grounding both SENSE + and SENSE – pins. The
high-side driver may be used without current sensing by con-
necting SENSE + and SENSE – to the source of the external
high-side MOSFET.
Fault Output
The FAULT output is an open collector transistor. FAULT is
active at approximately the same time the output is disabled
by a fault condition (5µs after an overcurrent condition is
sensed). The FAULT output is open circuit (off) during each
successive retry (5µs).
VDD
Input
Fault
CTH
Enable
CTL
Gnd
VBOOST
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
10µF
0.01µF
+12V to +20V
MIC5022
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
Input
Fault
CTH
Enable
CTL
Gnd
VBOOST
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
10µF
MIC5022
1
2
3
4
5
6
7
14
13
12
11
10
9
8
0.01µF
TTL Input
(PWM signal)
TTL Input
(PWM signal)
Load
Figure 1. Basic Full-Bridge Circuit
Typical Full-Bridge Application



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com