Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB4395A
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB4395A Datasheet HTML 3Page - STMicroelectronics STB4395A Datasheet HTML 4Page - STMicroelectronics STB4395A Datasheet HTML 5Page - STMicroelectronics STB4395A Datasheet HTML 6Page - STMicroelectronics STB4395A Datasheet HTML 7Page - STMicroelectronics STB4395A Datasheet HTML 8Page - STMicroelectronics STB4395A Datasheet HTML 9Page - STMicroelectronics STB4395A Datasheet HTML 10Page - STMicroelectronics STB4395A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2 - BLOCK DIAGRAM
61
60
56
55
51
50
2
14
15
16
47
46
44
43
41
40
35
34
33
21
24
25
27
28
31
29
30
2nd Mixe r
SAWO
NSAWO
NIF2O
IF2O
IF2I
NIF2I
1s t
Mixe r
PA
LNA
37
RSSI
VCOI
NVCOI
FLTRI
Re ce ive
VCO
152.1MHz
P A/LNA
CONTROL
CONTROL
DECODER
IQ Modu la to r
1
15
1
PRGD
÷ 2
I
Q
IQ Inp ut
Da ta
Tx
Mixe r
Tx
DIVIDER
Rx
DIVIDER
P HASE
DETE CTOR
PHASE
DETE CTOR
P HASE
DETECTOR
CHARGE
P UMP
CHARGE
PUMP
CHARGE
P UMP
12
S YNCLK
14.4MHz
PLL
FILTER
VCO
TANK
Tra ns mit
VCO
300.8MHz
PLL
FILTER
VCO
TANK
DEMOD.
TANK
Cha nne l
VCO
71 6.45 MHz
DATA
SLICER
Da ta
Out
FM
Modula to r
50kHz
Bit Ra te Filte r
1.7MHz
LC
IF S AW
LC
RF S AW
866.05MHz
150.4MHz
VCO
TANK
PLL
FILTER
VCOO
NVCOO
FLTRO
S TB439 5
20
19
18
S yn th e s ize r
Contro l
1
3
1
1
PRGCLK
NP RGEN
4
NTXEN
Figure 1
STB4395
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com