Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB4395A
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395A Datasheet(HTML) 1 Page - STMicroelectronics

  STB4395A Datasheet HTML 1Page - STMicroelectronics STB4395A Datasheet HTML 2Page - STMicroelectronics STB4395A Datasheet HTML 3Page - STMicroelectronics STB4395A Datasheet HTML 4Page - STMicroelectronics STB4395A Datasheet HTML 5Page - STMicroelectronics STB4395A Datasheet HTML 6Page - STMicroelectronics STB4395A Datasheet HTML 7Page - STMicroelectronics STB4395A Datasheet HTML 8Page - STMicroelectronics STB4395A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
STB4395
CT2 RECEIVER/TRANSMITTER
April 1996
ADVANCE DATA
TQFP64
(Plastic Package)
ORDER CODE : STB4395 or STB4395A
.
FULLY INTEGRATED DOUBLE SUPERHETE-
RODYNE RECEIVER
.
OPERATION FROM 800MHz TO 1000MHz
.
RECEIVER OUTPUT AS BITSTREAM
.
FULLY INTEGRATED TRANSMITTER
.
TRANSMITTER INPUT I/Q/REFIQ
OR
I/I, Q/Q
.
INTEGRATED POWER AMPLIFIER
.
CT2 PA SWITCH-ON PROFILE INTEGRATED
.
VCO’s INTEGRATED
.
SYNTHESIZERS INTEGRATED
.
CHANNEL SELECT LOGIC ON CHIP
.
INTEGRATED VOLTAGE REGULATION
.
SUPPLY VOLTAGES FROM 3.0V TO 5.5V
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
DESCRIPTION
The STB4395(A) is a fully integrated receiver-
transmitter designed for CT2 applications, and in-
corporates all the VCO’s, synthesizers, PLLs, and
channel select logic, to make a fully functional
”single chip” radio.
The receiver is of the double superhet architecture
and operates from an aerial input (via a SAW filter)
to bitstream output to CT2 format, whilst the trans-
mitter operates from I/Q inputs to +13dBm at the
final frequency. A single (external) frequency ref-
erence is all that is required to give full coverage
over the range of 800 to 1000MHz.The on-off slope
of the Transmit PAis governed internally to give the
required switch-on ramp, whilst the output can be
swiched from low to high power by means of an
external digital control signal.
The channelselect is controlled from a digital serial
input, and allows continuous channel control from
800 to 1000MHz.
T h e S TB 4395 ex i s t s in
t wo v er si ons:
the STB4395, which has
I/I, Q/Q transmit data
input/outputs,
is designed to operate with the
SGS-THOMSON baseband companion part, the
ST5095. The STB4395A has a 3 wire I/Q interface
and is compatible with commercially available I/Q
transmit data baseband IC’s.
1/16


Similar Part No. - STB4395A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STB432S SAMHOP-STB432S Datasheet
241Kb / 8P
N-Channel Logic Enhancement Mode Field Effect Transistor
STB434S SAMHOP-STB434S Datasheet
232Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a D²PAK package
02-Jul-2015
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
Low gate charge and input capacitance
23-Jul-2015
logo
Inchange Semiconductor ...
STB43N65M5 ISC-STB43N65M5 Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB4395A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
SONET/SDH TRANSMITTER & RECEIVER
logo
Aeroflex Circuit Techno...
MT25003 AEROFLEX-MT25003 Datasheet
1,001Kb / 24P
ARINC629 RECEIVER TRANSMITTER
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923 Datasheet
629Kb / 35P
HOTLink??Transmitter/Receiver
April 5, 1999
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
logo
rfsolutions.ltd
UTR3 RFSOLUTIONS-UTR3 Datasheet
766Kb / 2P
Ultrasonic Transmitter / Receiver
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_11 Datasheet
1Mb / 40P
HOTLink짰 Transmitter/Receiver
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
RSDS Transmitter/Receiver
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
Transmitter and Receiver
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com