Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB4395A
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395A Datasheet(HTML) 4 Page - STMicroelectronics

  STB4395A Datasheet HTML 1Page - STMicroelectronics STB4395A Datasheet HTML 2Page - STMicroelectronics STB4395A Datasheet HTML 3Page - STMicroelectronics STB4395A Datasheet HTML 4Page - STMicroelectronics STB4395A Datasheet HTML 5Page - STMicroelectronics STB4395A Datasheet HTML 6Page - STMicroelectronics STB4395A Datasheet HTML 7Page - STMicroelectronics STB4395A Datasheet HTML 8Page - STMicroelectronics STB4395A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1 - PIN DESCRIPTION (continued)
1.2 - Pin List
Pin
Name
Description
Ext. Connection and
Suppl. Information
1
NPRGEN
Serial Data Enable
2
PRGCLK
Serial Data Clock
3
PRGD
Serial Data Input
4
NTXEN
Receive-Transmit Switch
5
LOCK
VCO Lock Detect-all 3 PLL
6
I
I - Transmit Quadrature Input
7
NI
I - Transmit Quadrature Input
STB4395 only
8
NQ
Q-Transmit Quadrature Input
STB4395 only
9
Q
Q-Transmit Quadrature Input
STB4395 only
7
REFIQ
IQ Reference Quadrature Transmit Input
STB4395A only
8
Q
Q-Transmit Quadrature Input
STB4395A only
9
FN
Forces Data Slicer Reference Time Constant To fast
STB4395A only
10
EN
Power Down all functions except buffer
11
VNOSC
Negative Power Supply all VCO ’s
12
SYNCLK
Synthesizer Clock Input
f = 14.4MHz A.C. coupled
13
VRO
PSU Regulated Negative Input for TX IF oscillator and pump circuit
14
VCOO
TX oscillator tank circuit
15
NVCOO
TX Oscillator Tank Circuit
16
FLTRO
Loop Filter for TX PLL
17
VPO
Positive Battery Supply for TX oscillator
18
DO
Receive Data Output
19
SLTC
Slicer Time Constant Capacitor
C= 33nF
20
FSH
Data Slicer Time Constant Setting
21
FLTRS
Loop Filter for channel PLL
22
VRS
Regulated Negative Supply for channel oscillator and pump circuit
23
VPS1
Positive Battery Input for channel oscillator and pump circuit
24
NVCOS
Channel Oscillator Tank Input
650 to 850MHz
25
VCOS
Channel Oscillator Tank Input
650 to 850MHz
26
VPS2
Positive Battery Supply Input for channel oscillator and pump circuit
27
BRF3
Bit Rate Filter3
28
BRF1
Bit Rate Filter1
29
DISCI
FM Discriminator Tank Circuit
30
DISCO
FM Discriminator Tank Circuit
31
BRF2
Bit Rate Filter 2
32
VPI
Positive Battery Supply for RXoscillator and pump circuit
33
FLTRI
Loop Filter for RX oscillator
34
NVCOI
RX Oscillator Tank Circuit
35
VCOI
RX Oscillator Tank Circuit
36
VRI
Regulated Negative Supply for RX oscillator and pump circuit
37
RSSI
RSSI OUTPUT
38
VRIF
Regulated Negative Supply Output for RX sections
39
NDEC
RX IF2 Decoupling
40
NIF2I
RX IF2 Filter Input
41
IF2I
RX IF2 Filter Input
42
DEC
RX IF2 Decoupling
43
IF2O
RX IF2 Filter Output
44
NIF2O
RX IF2 Filter Output
45
VPIF
Positive Battery Supply Input for RX sections
STB4395
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com