Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB4395A
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB4395A Datasheet HTML 6Page - STMicroelectronics STB4395A Datasheet HTML 7Page - STMicroelectronics STB4395A Datasheet HTML 8Page - STMicroelectronics STB4395A Datasheet HTML 9Page - STMicroelectronics STB4395A Datasheet HTML 10Page - STMicroelectronics STB4395A Datasheet HTML 11Page - STMicroelectronics STB4395A Datasheet HTML 12Page - STMicroelectronics STB4395A Datasheet HTML 13Page - STMicroelectronics STB4395A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
8 - TRANSCEIVER SECTION
Symbol
Description
Min.
Typ.
Max.
Unit
fOP
Frequency Range
800
1000
MHz
Channel Frequency Accuracy
-1
0
1
kHz
Modulation Deviation (synchronised with72 Kbits/s data rate)
18
kHz
POUTTX
Output Power (300
Ω balanced) high power mode
13
dBm
Sensitivity (source 300
Ω balanced) for 1E-3 BER
-103
-105
dBm
Signal max. for 1E-3 BER
0
dBm
8.1 - Receiver-Input Specification
LNA, first mixer and buffer
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conversion voltage gain
33.7
± 1.5
dB
Available conversion power gain
21.5
± 1.5
dB
Input impedance
300
Ω // 3pF
-
Output impedance
5k
Ω // 3pF
-
Source impedance
300
Ω // -3pF
-
Load impedance
5k
Ω // -3pF
-
Noise figure
3.5
dB
1dB compression point (input)
-24
dBm
Third order intercept (input)
-14
dBm
First IF amplifier, second mixer and buffer
Symbol
Parameter
Min.
Typ.
Max.
Units
Conversion Voltage Gain
22.0
± 1.5
dB
Available Conversion Power Gain
16.3
± 1.5
dB
Input Impedance
700
Ω // 2pF
-
Output Impedance
2k
Ω // 2pF
-
Source Impedance
700
Ω // -2pF
-
Load Impedance
2.8k
Ω // -2pF
-
Noise Figure
6
dB
1dB Compression Point (input)
-32
dBm
Third Order Intercept (input)
-22
dBm
Second IF amplifier
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conversion Voltage Gain
82
± 3dB
Available Power Gain (to DISCO)
86
± 3dB
Bandwith (3dB)
3
MHz
Input Impedance
10k
Ω // pF
-
Output Impedance (to DISCO)
1.1k
Ω // 2F
-
Source Impedance
2.2k
Ω // -2pF
-
Load Impedance (at DISCO)
see App. Diag.
Noise Figure
6
dB
1dB Compression Point (input)
-108
dBm
STB4395
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com