Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC210 Datasheet(PDF) 12 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 12 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies ATC210 Datasheet HTML 11Page - Artesyn Technologies ATC210 Datasheet HTML 12Page - Artesyn Technologies ATC210 Datasheet HTML 13Page - Artesyn Technologies ATC210 Datasheet HTML 14Page - Artesyn Technologies ATC210 Datasheet HTML 15Page - Artesyn Technologies ATC210 Datasheet HTML 16Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SXA10 Series
| 15W DC-DC
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
12
File Name: atc210.pdf Rev: 16 Aug 2006
Figure 13: 12 Vout Current Limit
Channel 1: 12 Vout; Channel 2: 3.3 Vout
Channel 3: Iout (12 Vout)
Figure 14: Hold-up Characteristic
Vin = 43 Volts, 12 Vout @ 17.5 Amps, 3.3 Vout @ 1.81 Amps
Hold-up voltage
available to IBC
Iprimary
(off for 5 ms)
3.3 Vout
12 Vout (maintained
during hold-up period)
current
limit point
12 Vout
3.3 Vout
I_12 Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com