Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC210 Datasheet(PDF) 15 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 15 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies ATC210 Datasheet HTML 11Page - Artesyn Technologies ATC210 Datasheet HTML 12Page - Artesyn Technologies ATC210 Datasheet HTML 13Page - Artesyn Technologies ATC210 Datasheet HTML 14Page - Artesyn Technologies ATC210 Datasheet HTML 15Page - Artesyn Technologies ATC210 Datasheet HTML 16Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
File Name: atc210.pdf Rev: 16 Aug 2006
Note 1
The reference return for the I2C bus is on the secondary (SELV)
side of the converter (i.e. 3V3_RTN)
Note 2
Pins reserved for future use
Note 3
Both ENables (ENA/ENB) have to be connected to their
respective RTNS to enable the internal power management IC.
CAUTION:
Hazardous internal voltages and high temperatures.
Ensure that unit is accessible only to trained personnel. The user
must provide the recommended fusing in order to comply with
safety approvals.
15
www.artesyn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com