Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC210 Datasheet(PDF) 14 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 14 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies ATC210 Datasheet HTML 11Page - Artesyn Technologies ATC210 Datasheet HTML 12Page - Artesyn Technologies ATC210 Datasheet HTML 13Page - Artesyn Technologies ATC210 Datasheet HTML 14Page - Artesyn Technologies ATC210 Datasheet HTML 15Page - Artesyn Technologies ATC210 Datasheet HTML 16Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Intermediate Bus Converters
14
File Name: atc210.pdf Rev: 16 Aug 2006
Pin Functionality
Pin-Out Table
Pin Number / Pin Name
Function
Note
1
-48V A
Power input from ‘A’ bus
Connects to ATCA Zone 1 connector pin 33 via external
10 A fuse
2
-48V B
Power input from ‘B’ bus
Connects to ATCA Zone 1 connector pin 34 via external
10 A fuse
3
Reserved
For future use
4
Reserved
For future use
5
RTN A
Power return from ‘A’ bus
Connects to ATCA Zone 1 connector pin 28 via external
12 A fuse
6
RTN B
Power return from ‘B’ bus
Connects to ATCA Zone 1 connector pin 29 via external
12 A fuse
7
ENA
When connected to RTN A, turns ON
Connects to ATCA Zone 1 connector pin 32 via external
isolated open collector ‘A enabled’ device
1 A fuse. Used to signal to management system correct
(See Note 3)
board insertion and presence of ‘A’ bus
8
ENB
When connected to RTN B, turns ON
Connects to ATCA Zone 1 connector pin 27 via external
isolated open collector ‘B enabled’ device
1 A fuse. Used to signal to management system correct
(See Note 3)
board insertion and presence of ‘B’ bus
9
C_CL-
Connection to module of auxilliary
Utilises greater capacitance in a given can size of lower
capacitor hold up array -ve
voltage capacitors. Clamped to –50 V wrt HU+OUT
10
HU-
Connection to module of hold up
capacitor array -ve
11
HU+OUT
Connection from on board filter and
May also connect to input of boost module to reduce
management circuits to hold up
hold up storage area
capacitor array +ve
12
HU+IN
Connection to main power converter from
May also connect to output of boost module to reduce hold
hold up capacitor array +ve
up storage area
13
ON/OFF-
Current from pin to turn main output ON
Fully floating remote ON/OFF signal, may be used with
management system or ATCA ENABLE_A/B via R-D network
14
ON/OFF+
Current into pin to turn main output ON
Fully floating remote ON/OFF signal, may be used with
management system or ATCA ENABLE_A/B via R-D network
15
B_OK#
Open collector signal, monitors status of
Low when “OK”
“B” feed
16
A_OK#
Open collector signal, monitors status of
Low when “OK”
“B” feed
17
A2
I2C lines, address strapping
18
INTRPT
Interrupt Alarm
I2C Register out of limits, LM80 pin ‘INT#’ direct connection
19
A1
I2C lines, address strapping
20
SCL
Clock
I2C lines, clock line input
21
A0
I2C lines, address strapping
22
SDA
Data
I2C lines, serial data
23, 24
3V3 RTN
Management power return and I2C
Also return for ‘A _OK#’ and ’B_OK#’ signals.
Externally connected to ATCA Zone 1 connector pin 26
25, 26
3V3 OUT
3V3, 6 W management power
27, 28
3V3 TRIM
Trim pin for management power
29
12V RTN
12 V return
Externally connected to ATCA Zone 1 connector pin 26
30
12V OUT
12 V power
ATC210 Dual Series | 210 W DC-DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com