Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC210 Datasheet(PDF) 13 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 13 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies ATC210 Datasheet HTML 11Page - Artesyn Technologies ATC210 Datasheet HTML 12Page - Artesyn Technologies ATC210 Datasheet HTML 13Page - Artesyn Technologies ATC210 Datasheet HTML 14Page - Artesyn Technologies ATC210 Datasheet HTML 15Page - Artesyn Technologies ATC210 Datasheet HTML 16Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ATC210 Dual Series | 210 W DC-DC
13
www.artesyn.com
Intermediate Bus Converters
File Name: atc210.pdf Rev: 16 Aug 2006
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
x.xx
±0.02 (x.x ±0.5)
x.xxx
±0.010 (x.xx ±0.25)
TOP VIEW
BOTTOM VIEW
2.32
(59.00)
1
2
3
4
5
6
7
8
14
13
12
11
10
9
30
29
15
17
19
21
23
25
27
28
16
18
20
22
24
26
0.15 (3.81)
0.30 (7.62)
0.00
0.6 (15.24)
1.05 (26.67)
1.65 (41.91)
0.75 (19.05)
1.20 (30.48)
0.45 (11.43)
0.90 (22.86)
1.50 (38.1)
1.35 (34.29)
1.15 (29.21)
1.25 (31.75)
1.55 (39.37)
1.45 (36.83)
0.15 (3.81)
0.75 (19.05)
1.05 (26.67)
1.65 (41.91)
SIDE VIEW
Recommended Drill Holes:
Pins 1 to 14
Pins 15 to 28
Pins 29 and 30
1.3 mm
1.1 mm
1.9 mm
Figure 15 - Mechanical Drawing and Assignment Table (Pin Size is Diameter unless Otherwise Stated)
Pin Functionality
Pin Number / Pin Name
Pin Size
1
-48V A
1.02 mm
2
-48V B
1.02 mm
3
Reserved
See Note 2
4
Reserved
See Note 2
5
RTN A
1.02 mm
6
RTN B
1.02 mm
7
ENA
1.02 mm
8
ENB
1.02 mm
9
C_CL-
1.02 mm
10
HU-
1.02 mm
11
HU+OUT
1.02 mm
12
HU+IN
1.02 mm
13
ON/OFF-
1.02 mm
14
ON/OFF+
1.02 mm
15
B_OK#
0.64 mm Sq
Pin Functionality Continued
Pin Number / Pin Name
Pin Size
16
A_OK#
0.64 mm Sq
17
A2
0.64 mm Sq
18
INTRPT
0.64 mm Sq
19
A1
0.64 mm Sq
20
SCL
0.64 mm Sq
21
A0
0.64 mm Sq
22
SDA
0.64 mm Sq
23
3V3 RTN
0.64 mm Sq
24
3V3 RTN
0.64 mm Sq
25
3V3 OUT
0.64 mm Sq
26
3V3 OUT
0.64 mm Sq
27
3V3 TRIM
0.64 mm Sq
28
3V3 TRIM
0.64 mm Sq
29
12V RTN
1.58 mm
30
12V OUT
1.58 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com