Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-55L Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55L Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
7
Preliminary
Table 1 : PIN Descriptions
Note:
1. When using asynchronous mode or page mode exclusively, CLK and ADV# inputs can be tied to Vss. WAIT will be asserted but should be ignored during asynchronous
and page mode operations.
Symbol
Type
Descriptions
A[21:0]
Input
Address inputs: Inputs for addresses during READ and WRITE operations. Addresses are internally latched
during READ and WRITE cycles. The address lines are also used to define the value to be loaded into the
BCR or the RCR.
CLK
(Note1)
Input
Clock: Synchronizes the memory to the system operating frequency during synchronous operations. When
configured for synchronous operation, the address is latched on the first rising CLK edge when ADV# is
active. CLK is static LOW during asynchronous access READ and WRITE operations and during PAGE
READ ACCESS operations.
ADV#
(Note1)
Input
Address valid: Indiates that a valid address is present on the address inputs. Addresses can be latched on
the rising edge of ADV# during asynchronous READ and WRITE operations. ADV# can be held LOW during
asynchronous READ and WRITE operations.
CRE
Input
Control register enable: When CRE is HIGH, WRITE operations load the RCR or BCR, and READ operations
access the RCR, BCR, or DIDR.
CE#
Input
Chip enable: Activates the device when LOW. When CE# is HIGH, the device is disabled and goes into
standby or deep power-down mode.
OE#
Input
Output enable: Enables the output buffers when LOW. When OE# is HIGH, the output buffers are disabled.
WE#
Input
Write enable: Determines if a given cycle is a WRITE cycle. If WE# is LOW, the cycle is a WRITE to either a
configuration register or to the memory array.
LB#
Input
Lower byte enable. DQ[7:0]
UB#
Input
Upper byte enable. DQ[15:8]
DQ[15:0]
Input/Output Data inputs/outputs.
WAIT
(Note1)
Output
Wait: Provides data-valid feedback during burst READ and WRITE operations. The signal is gated by CE#.
WAIT is used to arbitrate collisions between refresh and READ/WRITE operations. WAIT is also asserted at
the end of a row unless wrapping within the burst length. WAIT is asserted and should be ignored during
asynchronous and page mode operations. WAIT is High-Z when CE# is HIGH.
RFU
-
Reserved for future use.
Vcc
Supply
Device power supply: (1.70V.1.95V) Power supply for device core operation.
VccQ
Supply
I/O power supply: (1.70V.1.95V) Power supply for input/output buffers.
Vss
Supply
Vss must be connected to ground.
VssQ
Supply
VssQ must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com