Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-55L Datasheet(PDF) 20 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55L Datasheet(HTML) 20 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55L Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
20
Preliminary
Figure 13: Register READ, Synchronous Mode, Followed by READ ARRAY Operation (WE# HIGH)
Note:
1. Non-default BCR settings for synchronous mode register READ followed by READ ARRAY operation: Latency code 2 (3 clocks);
WAIT active LOW; WAIT asserted during delay.
2. A[19:18] = 00b to read RCR, 10b to read BCR, and 01b to read DIDR.
3. CE# must remain LOW to complete a burst-of-one READ. WAIT must be monitored; additional WAIT cycles caused by refresh collisions require
a corresponding number of additional CE# LOW cycles.
CE#
A[21:0]
ADV#
OE#
DQ[15:0]
A[19:18]2
CRE
CLK
WAIT
tCBPH
3
Latch control register value
Latch control register address
tSP
(except A[19:18])
tHZ
tOHZ
LB#/UB#
tHD
Data
Valid
tBOE
tACLK
tOLZ
tSP
tHD
tHD
tSP
tHD
tCSP
tABA
WE#
tSP
High-Z
High-Z
tCW
tKOH
Don’t Care
Undefined
CR Valid
Address
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com