Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-55L Datasheet(PDF) 24 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55L Datasheet(HTML) 24 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55L Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
24
Preliminary
Drive Strength (BCR[5:4]) Default = Outputs Use Half-Drive Strength
The output driver strength can be altered to full, one-half, or one-quarter strength to adjust for different data bus loading scenarios. The
reduced-strength options are intended for stacked chip (Flash + CelllularRAM) environments when there is a dedicated memory bus.
The reduced-drive-strength option minimizes the noise generated on the data bus during READ operations. Full output drive strength
should be selected when using a discrete CellularRAM device in a more heavily loaded data bus environment. Outputs are configured at
half-drive strength during testing. See Table 4 for additional information.
Table 4: Drive Strength
WAIT Configuration (BCR[8]) Default = WAIT Transitions One Clock Before Data Valid/Invalid
The WAIT configuration bit is used to determine when WAIT transitions between the asserted and the de-asserted state with respect to
valid data presented on the data bus. The memory controller will use the WAIT signal to coordinate data transfer during synchronous
READ and WRITE operations. When BCR[8] = 0, data will be valid or invalid on the clock edge immediately after WAIT transitions to the
de-asserted or asserted state, respectively. When A8 = 1, the WAIT signal transitions one clock period prior to the data bus going valid
or invalid. (See Figure 17.)
WAIT Polarity (BCR[10]) Default = WAIT Active HIGH
The WAIT polarity bit indicates whether an asserted WAIT output should be HIGH or LOW. This bit will determine whether the WAIT
signal requires a pull-up or pull-down resistor to maintain the de-asserted state.
Figure 17: WAIT Configuration During Burst Operation
Note: Non-default BCR setting: WAIT active LOW.
BCR[5]
BCR[4]
Drive Strength
Impedance Typ (Ω )
Use Recommendation
0
0
Full
25~30
CL = 30pF to 50pF
01
1/2
(default)
50
CL = 15pF to 30pF
104 MHz at light load
1
0
1/4
100
CL = 15pF or lower
11
Reserved
DQ[15:0]
WAIT
End of row
Don’t Care
WAIT
CLK
D0
D1
D2
D3
BCR[8] = 0
Data valid in current cycle
BCR[8] = 1
Data valid in next cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com