Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-55L Datasheet(PDF) 25 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55L Datasheet(HTML) 25 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55L Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55L Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
25
Preliminary
Latency Counter (BCR[13:11]) Default = Three Clock Latency
The latency counter bits determine how many clocks occur between the beginning of a READ or WRITE operation and the first data
value transferred. For allowable latency codes, see Tables 5 and 6, respectively, and Figures 18 and 19, respectively.
Initial Access Latency (BCR[14]) Default = Variable
Variable initial access latency outputs data after the number of clocks set by the latency counter. However, WAIT must be monitored to
detect delays caused by collisions with refresh operations. Fixed initial access latency outputs the first data at a consistent time that
allows for worst-case refresh collisions. The latency counter must be configured to match the initial latency and the clock frequency. It is
not necessary to monitor WAIT with fixed initial latency. The burst begins after the number of clock cycles configured by the latency
counter. (See Table 6 and Figure 19)
Table 5: Variable Latency Configuration Codes
Note: 1. Latency is the number of clock cycles from the initiation of a burst operation until data appears. Data is transferred on the next clock cycle.
Figure18: Latency Counter (Variable Initial Latency, No Refresh Collision)
BCR[13:11]
Latency
Configuration
Code
Latency 1
Max Input CLK Frequency (MHz)
Normal
Refresh Collision
104
83
66
010
2 (3 clocks)
2
4
66(15ns)
52(19.2ns)
40(25ns)
011
3 (4 clocks)-default
3
6
104(9.62ns)
83(12ns)
66(15ns)
Others
Reserved
-
-
-
-
-
VIH
VIL
VIH
VIL
VOH
VOL
CLK
A[21:0]
ADV#
Code 2
Code 3
(default)
VOH
VOL
DQ[15:0]
DQ[15:0]
Don’t Care
Undefined
Valid
Address
VIH
VIL
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com