Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 7002
Description  1.8GHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7002 Datasheet(HTML) 5 Page - STMicroelectronics

  7002 Datasheet HTML 1Page - STMicroelectronics 7002 Datasheet HTML 2Page - STMicroelectronics 7002 Datasheet HTML 3Page - STMicroelectronics 7002 Datasheet HTML 4Page - STMicroelectronics 7002 Datasheet HTML 5Page - STMicroelectronics 7002 Datasheet HTML 6Page - STMicroelectronics 7002 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
STB7002
MIN GAIN
Freq.
VSWRi
VSWRo
Isolation
Gain
1802
2.26
1.21
-34.63
1.97
1813
2.30
1.21
-34.45
1.93
1824
2.33
1.21
-33.83
1.89
1835
2.36
1.21
-33.57
1.86
1846
2.38
1.22
-32.99
1.82
1857
2.41
1.22
-32.3
1.79
1868
2.43
1.22
-31.94
1.76
1879
2.46
1.22
-31.55
1.70
1890
2.48
1.22
-31.91
1.66
1901
2.50
1.22
-31.52
1.63
1912
2.52
1.22
-31.34
1.58
1923
2.53
1.22
-31.09
1.53



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com