Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7002 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 7002
Description  1.8GHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7002 Datasheet(HTML) 6 Page - STMicroelectronics

  7002 Datasheet HTML 1Page - STMicroelectronics 7002 Datasheet HTML 2Page - STMicroelectronics 7002 Datasheet HTML 3Page - STMicroelectronics 7002 Datasheet HTML 4Page - STMicroelectronics 7002 Datasheet HTML 5Page - STMicroelectronics 7002 Datasheet HTML 6Page - STMicroelectronics 7002 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STB7002
6/7
MSOP8-EP MECHANICAL DATA
MIN.
MAX
MIN.
MAX
A
0.037
0.043
0.94
1.10
A1
0.002
0.006
0.05
0.15
B
0.010
0.014
0.25
0.36
C
0.005
0.007
0.13
0.18
D
0.116
0.120
2.95
3.05
e
E
0.116
0.120
2.95
3.05
H
0.188
0.198
4.78
5.03
L
0.016
0.026
0.41
0.66
α
0
°
6
°
0
°
6
°
*X
0.087
0.099
2.210
2.515
*Y
0.062
0.074
1.575
1.880
Inch.
mm
0.0256 BSC
0.65 BSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com