Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7002 Datasheet (PDF) - STMicroelectronics

7002 Datasheet PDF - STMicroelectronics
Part # 7002
Download  7002 Download
File Size   369.6 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.8GHz THREE GAIN LEVEL LNA

7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
7002 Datasheet PDF - STMicroelectronics

Part # 7002
Download  7002 Click to download

File Size   369.6 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.8GHz THREE GAIN LEVEL LNA

7002 Datasheet (HTML) - STMicroelectronics


7002 Product details

DESCRIPTION

The STB7002 is a Silicon monolithic amplifier, that offers low noise figure and three gain levels for 1.8GHz applications. STB7002 is housed in a small industry-standard MSOP8-EP surface mount package, requiring very little board space (50% reduction vs SO8 Package). MSOP8-EP dimensions are 3mmx5mm with a 1.1mm thickness. STB7002 is ESD protected and requires minimum external components in the application circuit, for the on-chip bias and gain control. Furthermore, temperature and supply voltage compensation ensures high stability over a wide range of operating conditions.



• FULLY INTEGRATED 1.8GHz LNA

• THREE GAIN LEVELS (0dB, 18dB, 26dB typ. @ 2.8V)

• LOW NOISE FIGURE

• TEMPERATURE COMPENSATED



APPLICATIONS

• DCS HANDSETS



 




Similar Part No. - 7002

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7002 BOURNS-7002 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Dow-Key Microwave Corpo...
7002 DOW-KEY-7002 Datasheet
534Kb / 2P
C-band Crossbar/Fan-Out
logo
Heyco.
7002 HEYCO-7002 Datasheet
132Kb / 1P
Male Pins
logo
Bourns Electronic Solut...
7002-RC BOURNS-7002-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
logo
Presto International UK...
70020 PRESTO-70020 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results


Similar Description - 7002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7001 STMICROELECTRONICS-STB7001 Datasheet
331Kb / 7P
900 MHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
TriQuint Semiconductor
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
High Linearity LNA Gain Block
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
High Linearity LNA Gain Block
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
CMOS High Gain GPS LNA
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
logo
Qorvo, Inc
TQP3M9018 QORVO-TQP3M9018 Datasheet
729Kb / 12P
High Linearity LNA Gain Block
logo
Renesas Technology Corp
F1478 RENESAS-F1478 Datasheet
21Mb / 49P
High Gain RF Amplifier 1.8GHz to 5.0GHz
March 29, 2019
F1490 RENESAS-F1490_V01 Datasheet
4Mb / 48P
High Gain RF Amplifier 1.8GHz to 6.4GHz
November 15, 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com