Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 7002
Description  1.8GHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7002 Datasheet(HTML) 1 Page - STMicroelectronics

  7002 Datasheet HTML 1Page - STMicroelectronics 7002 Datasheet HTML 2Page - STMicroelectronics 7002 Datasheet HTML 3Page - STMicroelectronics 7002 Datasheet HTML 4Page - STMicroelectronics 7002 Datasheet HTML 5Page - STMicroelectronics 7002 Datasheet HTML 6Page - STMicroelectronics 7002 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
January, 22 2002
STB7002
1.8GHz THREE GAIN LEVEL LNA
• FULLY INTEGRATED 1.8GHz LNA
• THREE GAIN LEVELS (0dB, 18dB, 26dB typ.
@ 2.8V)
• LOW NOISE FIGURE
• TEMPERATURE COMPENSATED
APPLICATIONS
• DCS HANDSETS
DESCRIPTION
The STB7002 is a Silicon monolithic amplifier, that
offers low noise figure and three gain levels for
1.8GHz applications. STB7002 is housed in a
small
industry-standard
MSOP8-EP
surface
mount package, requiring very little board space
(50% reduction vs SO8 Package). MSOP8-EP
dimensions
are
3mmx5mm with
a
1.1mm
thickness.
STB7002
is
ESD protected
and
requires minimum external components in the
application circuit, for the on-chip bias and gain
control. Furthermore, temperature
and supply
voltage compensation ensures high stability over
a wide range of operating conditions.
MSOP8-EP
(exposed pad)
ORDER CODE
STB7002
BRANDING
7002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
4
V
Tj
Junction Temperature
150
°C
Tstg
Storage temperature
-40 to +85
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction -ambient Thermal Resistance
TBD
°C/W


Similar Part No. - 7002

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7002 BOURNS-7002 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Dow-Key Microwave Corpo...
7002 DOW-KEY-7002 Datasheet
534Kb / 2P
C-band Crossbar/Fan-Out
logo
Heyco.
7002 HEYCO-7002 Datasheet
132Kb / 1P
Male Pins
logo
Bourns Electronic Solut...
7002-RC BOURNS-7002-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
logo
Presto International UK...
70020 PRESTO-70020 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 7002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7001 STMICROELECTRONICS-STB7001 Datasheet
331Kb / 7P
900 MHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
TriQuint Semiconductor
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
High Linearity LNA Gain Block
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
High Linearity LNA Gain Block
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
CMOS High Gain GPS LNA
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
logo
Qorvo, Inc
TQP3M9018 QORVO-TQP3M9018 Datasheet
729Kb / 12P
High Linearity LNA Gain Block
logo
Renesas Technology Corp
F1478 RENESAS-F1478 Datasheet
21Mb / 49P
High Gain RF Amplifier 1.8GHz to 5.0GHz
March 29, 2019
F1490 RENESAS-F1490_V01 Datasheet
4Mb / 48P
High Gain RF Amplifier 1.8GHz to 6.4GHz
November 15, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com