Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 7Page - Texas Instruments ADS5463IPFP Datasheet HTML 8Page - Texas Instruments ADS5463IPFP Datasheet HTML 9Page - Texas Instruments ADS5463IPFP Datasheet HTML 10Page - Texas Instruments ADS5463IPFP Datasheet HTML 11Page - Texas Instruments ADS5463IPFP Datasheet HTML 12Page - Texas Instruments ADS5463IPFP Datasheet HTML 13Page - Texas Instruments ADS5463IPFP Datasheet HTML 14Page - Texas Instruments ADS5463IPFP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
fIN1 =65.1MHz, −7dBFS
fIN2 =70.1MHz, −7dBFS
IMD3=90.5dBFS
SFDR=90.3dBFS
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
fIN1 =65.1MHz, −16dBFS
fIN2 =70.1MHz, −16dBFS
IMD3=96.1dBFS
SFDR=88.8dBFS
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
fIN1 =350MHz, −7dBFS
fIN2 =355MHz, −7dBFS
IMD3=81.6dBFS
SFDR=81.6dBFS
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
fIN1 =350MHz, −16dBFS
fIN2 =355MHz, −16dBFS
IMD3=101.1dBFS
SFDR=88.9dBFS
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
TWO-TONE INTERMODULATION DISTORTION
TWO-TONE INTERMODULATION DISTORTION
(FFT FOR 65.1 MHz AND 70.1 MHz AT –7 dBFS)
(FFT FOR 65.1 MHz AND 70.1 MHz AT –16 dBFS)
Figure 10.
Figure 11.
TWO-TONE INTERMODULATION DISTORTION
TWO-TONE INTERMODULATION DISTORTION
(FFT FOR 350 MHz AND 355 MHz AT –7 dBFS)
(FFT FOR 350 MHz AND 355 MHz AT –16 dBFS)
Figure 12.
Figure 13.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com