Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 15Page - Texas Instruments ADS5463IPFP Datasheet HTML 16Page - Texas Instruments ADS5463IPFP Datasheet HTML 17Page - Texas Instruments ADS5463IPFP Datasheet HTML 18Page - Texas Instruments ADS5463IPFP Datasheet HTML 19Page - Texas Instruments ADS5463IPFP Datasheet HTML 20Page - Texas Instruments ADS5463IPFP Datasheet HTML 21Page - Texas Instruments ADS5463IPFP Datasheet HTML 22Page - Texas Instruments ADS5463IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
External Voltage Reference
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
For systems that require the analog signal gain to be adjusted or calibrated, this can be performed by using an
external reference. The dependency on the signal amplitude to the value of the external reference voltage is
characterized typically by Figure 34 (VREF = 2.4 V is normalized to 0 dB as this is the internal reference voltage.
This figure is the average gain adjustment from the data collected from -1dBFS to -6dBFS in 1 dB steps.) As can
be seen in the linear fit, this equates to approximately –0.3 dB of signal adjustment per 100 mV of reference
adjustment. The range of allowable variation depends on the analog input amplitude that is applied to the inputs
and the desired spectral performance, as can be seen in the performance versus external reference graphs in
Figure 35 and Figure 36. As the applied analog signal amplitude is reduced, more variation in the reference
voltage is allowed in the positive direction (which equates to a reduction in signal amplitude), whereas an
adjustment in reference voltage below the nominal 2.4 V (which equates to an increase in signal amplitude) is
not recommended below approximately 2.35 V. The power consumption versus reference voltage and operating
temperature should also be considered, especially at high ambient temperatures, because the lifetime of the
device is affected by internal junction temperature, see Figure 49.
The ADS5463 does not have a VCM output pin and primarily uses the VREF pin to provide the common-mode
voltage in dc-coupled applications. The ADS5463 (VCM = 2.4 V) and ADS5474 (VCM = 3.1 V) do not have the
same common-mode voltage, but they do share the same approximate VREF (2.4 V). To create a board layout
that may accommodate both devices in dc-coupled applications, route the VCM of the ADS5474 and the VREF
of the ADS5463 both to a common point that can be selected via a switch, jumper, or a 0
Ω resistor to be used
as the common-mode voltage of the driving circuit.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com