Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5463IPFP Datasheet HTML 1Page - Texas Instruments ADS5463IPFP Datasheet HTML 2Page - Texas Instruments ADS5463IPFP Datasheet HTML 3Page - Texas Instruments ADS5463IPFP Datasheet HTML 4Page - Texas Instruments ADS5463IPFP Datasheet HTML 5Page - Texas Instruments ADS5463IPFP Datasheet HTML 6Page - Texas Instruments ADS5463IPFP Datasheet HTML 7Page - Texas Instruments ADS5463IPFP Datasheet HTML 8Page - Texas Instruments ADS5463IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ADS5463
1
FEATURES
APPLICATIONS
DESCRIPTION
Reference
Timing
CLK
OVR
D[11:0]
CLK
4
DRY
VREF
VIN
VIN
TH1
5
5
S
DAC2
ADC2
ADC3
S
DAC1
ADC1
DigitalErrorCorrection
+
–
+
–
DRY
OVR
A1
TH2
A2
A3
TH3
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
12-Bit, 500-MSPS Analog-to-Digital Converter
• 80-Pin TQFP PowerPAD™ Package
(14-mm
× 14-mm)
23
• 500-MSPS Sample Rate
• Industrial Temperature Range = –40°C to 85°C
• 12-Bit Resolution, 10.4 Bits ENOB
• Pin-Similar/Compatible to 12-, 13-, and 14-Bit
• 2.3-GHz Input Bandwidth
Family: ADS5440/ADS5444/ADS5474
• SFDR = 75 dBc at 450 MHz and 500 MSPS
• SNR = 64.6 dBFS at 450 MHz and 500 MSPS
• 2.2-V
PP Differential Input Voltage
• Test and Measurement Instrumentation
• LVDS-Compatible Outputs
• Software-Defined Radio
• Total Power Dissipation: 2.2 W
• Data Acquisition
• Offset Binary Output Format
• Power Amplifier Linearization
• Communication Instrumentation
• Output Data Transitions on the Rising and
Falling Edges of a Half-Rate Output Clock
• Radar
• On-Chip Analog Buffer, Track and Hold, and
Reference Circuit
The ADS5463 is a 12-bit, 500-MSPS analog-to-digital converter (ADC) that operates from both a 5-V supply and
3.3-V supply, while providing LVDS-compatible digital outputs. This ADC is one of a family of 12-, 13-, and 14-bit
ADCs that operate from 210 MSPS to 500 MSPS. The ADS5463 input buffer isolates the internal switching of the
onboard track and hold (T&H) from disturbing the signal source while providing a high-impedance input. An
internal reference generator is also provided to simplify the system design.
Designed with a 2.3-GHz input bandwidth for the conversion of signals that exceed 500MHz of input center
frequency at 500 MSPS, the ADS5463 has outstanding low noise performance and spurious-free dynamic range
over a large input frequency range.
The ADS5463 is available in a TQFP-80 PowerPAD™ package. The ADS5463 is built on Texas Instrument's
complementary bipolar process (BiCom3) and is specified over the full industrial temperature range (–40
°C to
85
°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5463IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463IPFP TI-ADS5463IPFP Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463IPFP TI-ADS5463IPFP Datasheet
1Mb / 27P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463IPFP TI-ADS5463IPFP Datasheet
1Mb / 48P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463IPFP TI1-ADS5463IPFP Datasheet
1Mb / 49P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463IPFP TI2-ADS5463IPFP Datasheet
1Mb / 50P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
REVISED JULY 2009
More results

Similar Description - ADS5463IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463-SP TI-ADS5463-SP Datasheet
648Kb / 25P
CLASS V, 12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-SP TI1-ADS5463-SP Datasheet
833Kb / 31P
Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com